Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30SCD120S Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT30SCD120S
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30SCD120S Datasheet(HTML) 2 Page - Microsemi Corporation

  APT30SCD120S Datasheet HTML 1Page - Microsemi Corporation APT30SCD120S Datasheet HTML 2Page - Microsemi Corporation APT30SCD120S Datasheet HTML 3Page - Microsemi Corporation APT30SCD120S Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT30SCD120B_S
THERMAL AND MECHANICAL CHARACTERISTICS
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
R
θJC
Junction-to-Case Thermal Resistance
0.43
°C/W
W
T
Package Weight
0.22
oz
5.9
g
Torque
Maximum Mounting Torque
10
lb·in
1.1
N·m
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.60
0
10-4
10-3
10-2
0.1
1
10
100
10-5
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
Peak T J = P DM x Z θJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
25
50
75
100
125
150
V
F, ANODE-TO-CATHODE VOLTAGE (V)
FIGURE 2, Forward Current vs. Forward Voltage
Case Temperature (°C)
FIGURE 3, Maximum Forward Current vs. Case Temperature
100
T
J = -55°C
T
J = 25°C
T
J = 125°C
T
J = 150°C
TYPICAL PERFORMANCE CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com