Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT123S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT123S
Description  1A NPN SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT123S Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT123S Datasheet HTML 1Page - Diodes Incorporated MMBT123S Datasheet HTML 2Page - Diodes Incorporated MMBT123S Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30292 Rev. 3 - 2
2 of 3
MMBT123S
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
45
¾
V
IC = 100
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
18
¾
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
¾
V
IE = 100
mA, IC = 0
Collector Cutoff Current
ICBO
¾
1
mA
VCB = 40V, IE = 0
Emitter Cutoff Current
IEBO
¾
1
mA
VEB = 4V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
150
800
¾
IC = 100mA, VCE = 1V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.5
V
IC = 300mA, IB = 30mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
8pF
VCB = 10V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
¾
MHz
VCB = 10V, IE = 50mA,
f = 100MHz
Notes: 2.
Short duration pulse test used to minimize self-heating effect.
3.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBT123S-7
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)
K6D = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
K6D
Marking Information
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
TU
V
W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com