Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS125 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS125
Description  HOL-SEALERS Hole Seals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS125 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS125 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS125 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS125 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS125 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2010 Pentair Technical Products
Accessories: Hole Seals
Hole Seals
Spec-00182 C
Spec-00182
CPH (763) 422-2211
FX (763) 422-2600
Accessories
Hole Seals
Hole Seals
HOL-SEALERS
® Hole Seals
Industry Standards
Steel Hole Seals
UL 508A Component Recognized; Type 3R, 4, 12, 13; File No.
E61997
CSA File No. 42186; Type 3R, 4, 12, 13
NEMA/EEMAC Type 3R, 4, 12, 13
IEC 60529, IP66
Stainless Steel Hole Seals
UL 508A Component Recognized; Type 3R, 4, 4X, 12, 13; File No.
E61997
CSA File No. 42186; Type 3R, 4, 4X, 12, 13
NEMA/EEMAC Type 3R, 4, 4X, 12, 13
IEC 60529, IP66
Application
Seal extra pushbutton holes, conduit openings and knockout
openings against dust, dirt, oil and water with Hoffman HOL-
SEALERS
®. Seals will cover any size or shape of hole from .19-in.
diameter to maximum diameter shown in table. Can be used on
enclosure walls up to .31-in. (8-mm) thick.
Features
• Available in multiple colors and sizes
• Oil-resistant gasket provided
Specifications
Steel Models
• 16 gauge galvanized steel backplate
• Plated stud (10-32x5/8) and wing nut
Stainless Steel Models
• 16 gauge stainless steel backplate
• Seal, backplate, stud (10-24x5/8) and wing nut are 300 series
stainless steel
Finish
Steel seals have polyester powder paint finish over galvanized front
surface.
Stainless steel seals have polished front surface.
Bulletin: A80HS


Similar Part No. - AS125

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
AS125 HOFFMANPRODUCTS-AS125 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Skyworks Solutions Inc.
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
logo
Pentair Equipment Prote...
AS125LG HOFFMANPRODUCTS-AS125LG Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
AS125SS HOFFMANPRODUCTS-AS125SS Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
More results

Similar Description - AS125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
90-287 MACOM-90-287 Datasheet
29Kb / 1P
10amp, one hol mtg
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
Han-INOX 10B-HBM-SL FKM seals
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com