Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4101 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL4101
Description  Fast Switching Surface Mount Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL4101 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL4101 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL4101 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LL4620~LL4125
Nominal
Zener
Voltage
VZ @ IZT
1)
Test
Current
IZT
Maximum
Zener
Impedance
ZZT @ IZT
2)
Maximum
Leakage
Current
IR @ VR
Maximum
Noise Density
Impedance
ND @ IZT
2)
Maximum
Zener
Current
IZM
3)
Maximum
Temp Coeff.
of Zener
Voltage αvz
Type No.
V
μA
Ω
μA
V
μV√Hz
mA
%/℃
LL4620
3.3
250
1650
7.5
1.5
1
85
-0.075
LL4621
3.6
250
1700
7.5
2
1
83
-0.065
LL4622
3.9
250
1650
5.0
2
1
80
-0.060
LL4623
4.3
250
1600
4.0
2
1
77
-0.050
LL4624
4.7
250
1550
10.0
3
1
75
-0.05~0.02
LL4625
5.1
250
1500
10.0
3
2
70
-0.045~0.03
LL4626
5.6
250
1400
10.0
4
4
65
-0.02~0.04
LL4627
6.2
250
1200
10.0
5
5
61
-0.01~0.05
LL4099
6.8
250
200
10.0
5.17
40
56
0.06
LL4100
7.5
250
200
10.0
5.70
40
51
0.065
LL4101
8.2
250
200
1.0
6.24
40
46
0.070
LL4102
8.7
250
200
1.0
6.61
40
44
0.075
LL4103
9.1
250
200
1.0
6.92
40
42
0.080
LL4104
10
250
200
1.0
7.60
40
38
0.080
LL4105
11
250
200
0.05
8.44
40
35
0.080
LL4106
12
250
200
0.05
9.12
40
32
0.080
LL4107
13
250
200
0.05
9.87
40
29
0.080
LL4108
14
250
200
0.05
10.65
40
27
0.085
LL4109
15
250
100
0.05
11.40
40
25
0.085
LL4110
16
250
100
0.05
12.15
40
24
0.085
LL4111
17
250
100
0.05
12.92
40
22
0.090
LL4112
18
250
100
0.05
13.67
40
21
0.090
LL4113
19
250
150
0.05
14.44
40
20
0.090
LL4114
20
250
150
0.01
15.20
40
19
0.090
LL4115
22
250
150
0.01
16.72
40
17
0.090
LL4116
24
250
150
0.01
18.25
40
16
0.090
LL4117
25
250
150
0.01
19.00
40
15
0.090
LL4118
27
250
150
0.01
20.45
40
14
0.090
LL4119
28
250
200
0.01
21.28
40
14
0.095
LL4120
30
250
200
0.01
22.80
40
13
0.095
LL4121
33
250
200
0.01
25.08
40
12
0.095
LL4122
36
250
200
0.01
27.38
40
11
0.095
LL4123
39
250
200
0.01
29.65
40
9.8
0.095
LL4124
43
250
250
0.01
32.65
40
8.9
0.095
LL4125
47
250
250
0.01
35.75
40
8.1
0.095
1)
The type numbers shown above have a standard tolerance of ±5% on the nominal Zener voltage. Also available in 2% and 1%
tolerance, suffix C and D respectively. Vz is measured with the diode in thermal equilibrium in 25
still air.
℃
2)
Zener impedance is derived by superimposing on IZT, a 60Hz rms a.c. current equal to 10% of IZT (25uA a.c.)
3)
Based upon 400 mW maximum power dissipation at 75℃ lead temperature, allowance has been made for the higher voltage
associated with operation at higher currents.
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com