Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

441-R347D-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R347D-GR
Description  Blade Fuse Holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R347D-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R347D-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R347D-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36 (1.42)
46 (1.81)
260±15
(10.24±.59)
25.20
(.992)
ø9
(ø.354)
6 (.236)
1.50
(.059)
34.40
(1.35)
Dimensions: mm (in.)
Blade Fuse Holders
441-R347A-GR, 441-R347B-GR,
441-R347C-GR, 441-R347D-GR
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
EPD-200527
SPECIFICATIONS
12-24 VDC
50m Ω max.
500VDC 100M Ω min.
1500 VAC, 1 minute
PVC
RoHS Compliant
Rating:
Contact Resistance:
Insulation Resistance:
Dielectric Strength:
Body:
Date Last Revised: 3/5/07
Type
Wire
Rating
Wire Color
441-R347A-GR
12AWG
30A 32 VDC
Red
441-R347B-GR
14AWG
20A 32 VDC
Red
441-R347C-GR
16AWG
15A 32 VDC
Red
441-R347D-GR
18AWG
10A 32 VDC
Red
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 441-R347D-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R344A-GR ETC2-441-R344A-GR Datasheet
39Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R345A-GR ETC2-441-R345A-GR Datasheet
82Kb / 2P
Fuse Block
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
More results

Similar Description - 441-R347D-GR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
3550-2 ETC2-3550-2 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Cooper Bussmann, Inc.
HHC COOPER-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
logo
Littelfuse
178-4252-000 LITTELFUSE-178-4252-000 Datasheet
351Kb / 3P
Blade Fuse Holders - FKH Stackable Fuse Holder
logo
Eaton All Rights Reserv...
HHC EATON-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com