Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4251 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4251
Description  SPDT COMS RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4251 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4251 Datasheet HTML 1Page - SIPAT Co,Ltd SP4251 Datasheet HTML 2Page - SIPAT Co,Ltd SP4251 Datasheet HTML 3Page - SIPAT Co,Ltd SP4251 Datasheet HTML 4Page - SIPAT Co,Ltd SP4251 Datasheet HTML 5Page - SIPAT Co,Ltd SP4251 Datasheet HTML 6Page - SIPAT Co,Ltd SP4251 Datasheet HTML 7Page - SIPAT Co,Ltd SP4251 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
RF1
RF2
V1
50
Ω
50
Ω
CMOS
Control
Driver
ESD
ESD
V2
RFC
The SP4251 is a SPDT (single pole double throw)
RF Switch for use in general switching applications
and mobile infrastructure. This device offers a flexible
supply voltage of 3.3/5V, single-pin or complementary
pin control inputs, and 4kV ESD tolerance. It presents a simple
alternative solution to pin diode and mechanical relay switches.
SIPAT’s COMS technology enhancements deliver high
linearity and exceptional performance. It is an innovative
feature of the CMOS process, providing performance
superior to GaAs with the economy and integration of
conventional CMOS.
Product Specification
SPDT COMS RF Switch
10 – 3000 MHz, Absorptive
Product Description
Figure 1. Functional Diagram
SP4251
Features
• Low Insertion Loss: 0.60 dB @ 1000 MHz
• High Isolation: 62 dB @ 1000 MHz
• P1dB typical: +30.5 dBm
• IIP3 typical: +59 dBm
• Fast switching time: 150 ns
• Flexible supply voltage: 3.3 V ±10% or 5.0
V ±10% supply (see table 3)
• Excellent ESD protection: 4000 V HBM
• No blocking capacitors required
• Single pin or complementary control inputs
Figure 2. Package Type
8-lead MSOP with exposed paddle
Table 1. Target Electrical Specifications
Temp = 25°C, VDD = 3.3 or 5.0 V
Notes:
1. Device linearity will begin to degrade below 10 MHz.
2. Note Absolute Maximum rating of PIN = 27 dBm.
Parameter
Conditions
Min
Typical
Max
Units
Operation Frequency1
10
3000
MHz
Insertion Loss (RF1/RF2)
10 MHz
0.55
0.60
dB
1000 MHz
0.60
0.70
dB
2000 MHz
0.75
0.85
dB
3000 MHz
0.75
0.90
dB
Isolation (RFC to RF1/RF2)
1000 MHz
61
62
dB
2000 MHz
51
53
dB
3000 MHz
42
43
dB
Return Loss
1000 MHz
26
dB
2000 MHz
23
dB
3000 MHz
22
dB
Input 1 dB Compression2
50 - 3000 MHz
30.5
dBm
Input IP3
50 - 3000 MHz, +18 dBm per tone, 5 MHz spacing
59
dBm
Switching Time
50% CTRL to 10/90% RF
150
300
ns
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4251

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4257 SIPAT-SP4257 Datasheet
542Kb / 6P
50 廓 SPDT Absorptive CMOS
More results

Similar Description - SP4251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4266 NSC-LH4266 Datasheet
148Kb / 8P
SPDT RF Switch
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
SPDT RF SWITCH
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
SIPAT Co,Ltd
SP4273 SIPAT-SP4273 Datasheet
624Kb / 10P
SPDT Broadband COMS
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com