Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43404 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP43404
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43404 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP43404 Datasheet HTML 1Page - SIPAT Co,Ltd SP43404 Datasheet HTML 2Page - SIPAT Co,Ltd SP43404 Datasheet HTML 3Page - SIPAT Co,Ltd SP43404 Datasheet HTML 4Page - SIPAT Co,Ltd SP43404 Datasheet HTML 5Page - SIPAT Co,Ltd SP43404 Datasheet HTML 6Page - SIPAT Co,Ltd SP43404 Datasheet HTML 7Page - SIPAT Co,Ltd SP43404 Datasheet HTML 8Page - SIPAT Co,Ltd SP43404 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Product Specification
SP43404
Page 4 of 10
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0
500
1000
1500
2000
RF Frequency (MHz)
-40C
25C
85C
Typical Performance Data @ 25°C, VDD = 3.0 V
Figure 7. Attenuation at Major steps
Figure 9. Output Return Loss at Major
Attenuation Steps (Zo=75 ohms)
Figure 8. Input Return Loss at Major
Attenuation Steps (Zo=75 ohms)
Figure 6. Insertion Loss (Zo=75 ohms)
0
2
4
6
8
10
12
14
16
0
500
1000
1500
2000
RF Frequency (MHz)
15dB
8dB
4dB
2dB
1dB
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
RF Frequency (MHz)
15dB
8dB
4dB
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
RF Frequency (MHz)
Tel: +86-23-62808818
Fax: +86-23-62805284
www.si
w.com sawmkt@si at.com
patsa
/
p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com