Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QDM3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # QDM3
Description  QDM3 CYStek Product Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QDM3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  QDM3 Datasheet HTML 1Page - Cystech Electonics Corp. QDM3 Datasheet HTML 2Page - Cystech Electonics Corp. QDM3 Datasheet HTML 3Page - Cystech Electonics Corp. QDM3 Datasheet HTML 4Page - Cystech Electonics Corp. QDM3 Datasheet HTML 5Page - Cystech Electonics Corp. QDM3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C203M3
Issued Date : 2013.11.20
Revised Date :
Page No. : 3/6
QDM3
CYStek Product Specification
Typical Characteristics
Power Derating Curves
0
0.5
1
1.5
2
2.5
0
50
100
150
200
Ambient Temperature ---Ta(℃ )
See Note 2 on page 1
See Note 1 on page 1
Forward Current vs Forward Voltage
1
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
0℃
125℃
-40°C
25°C
75°C
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
1020
30
4050
6070
80
90 100
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=125℃
Junction Capacitance vs Reverse Voltage
1
10
100
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Recommended soldering footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com