Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR1501 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR1501
Description  1.5A FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1501 Datasheet(HTML) 1 Page - Diodes Incorporated

  PR1501 Datasheet HTML 1Page - Diodes Incorporated PR1501 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S26011 Rev. B1-2
1 of 2
PR1501/S - PR1505/S
PR1501/S - PR1505/S
1.5A FAST RECOVERY RECTIFIER
Features
“S” Suffix Designates DO-41 Package
No Suffix Designates DO-15 Package
DO-41 Plastic
DO-15
Dim
Min
Max
Min
Max
A
25.40
¾
25.40
¾
B
4.06
5.21
5.50
7.62
C
0.71
0.864
0.686
0.889
D
2.00
2.72
2.60
3.60
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 50A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
DO-41 Weight: 0.3 grams (approx.)
·
DO-15 Weight: 0.4 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
1501/S
PR
1502/S
PR
1503/S
PR
1504/S
PR
1505/S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@ TA = 50
°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
50
A
Forward Voltage
@ IF = 1.5A
VFM
1.2
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
150
250
ns
Typical Junction Capacitance (Note 2)
Cj
20
10
pF
Typical Thermal Resistance Junction to Ambient
RqJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.


Similar Part No. - PR1501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1501 ETC-PR1501 Datasheet
161Kb / 2P
Plastic Fast Recover Rectifier
logo
Diodes Incorporated
PR1501 DIODES-PR1501 Datasheet
87Kb / 3P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
PR1501 BILIN-PR1501 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR1501 CTC-PR1501 Datasheet
51Kb / 2P
FAST RECOVERY RECTIFIERS (DO-41)
PR1501 CTC-PR1501 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIERS (DO-15)
More results

Similar Description - PR1501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
PR1501 DIODES-PR1501_1 Datasheet
87Kb / 3P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
logo
List of Unclassifed Man...
TF151 ETC2-TF151 Datasheet
130Kb / 4P
1.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
1.5A Ultra Fast Recovery Rectifier
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
1.5A Fast Recovery Rectifier
logo
Frontier Electronics.
BYD34DP FRONTIER-BYD34DP Datasheet
125Kb / 2P
1.5A FAST RECOVERY PLASTIC RECTIFIER
BYV95AP FRONTIER-BYV95AP Datasheet
125Kb / 2P
1.5A FAST RECOVERY PLASTIC RECTIFIER
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
1.5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR1501S DIODES-PR1501S_15 Datasheet
292Kb / 3P
1.5A FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com