Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-R632.375 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-R632.375
Description  METAL CORE SCREWS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-R632.375 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-R632.375 Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-R632.375 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS: IN.
Head Style
Thread Size
632
832
1032
1/4-20
82° Flat
Head ø
0.265±0.005
0.305±0.005
0.370±0.005
0.510±0.005
Head Height
0.085±0.005
0.100±0.005
0.120±0.005
0.155±0.005
Fillister
Head ø
0.230±0.005
0.260±0.005
0.310±0.005
0.400±0.005
Head Height
0.135±0.005
0.140±0.005
0.160±0.005
0.220±0.005
Round
Head ø
0.225±0.005
0.300±0.005
0.340±0.005
0.450±0.005
Head Height
0.095±0.005
0.120±0.005
0.130±0.005
0.165±0.005
Round Washer
Head ø
0.230±0.005
0.265±0.005
0.315±0.005
0.460±0.005
Head Height
0.100±0.005
0.110±0.005
0.125±0.005
0.175±0.005
Washer Thickness
0.025±0.005
0.032±0.005
0.036±0.005
0.056±0.005
Washer ø
0.300±0.005
0.370±0.005
0.425±0.005
0.550±0.005
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
METAL CORE SCREWS
632 Series, 832 Series, 1032 Series, 1/4-20 Series
EPD-200916
Date Last Revised: 4/3/13
Thread
Size
MOUSER
STOCK NO.
Description
(Thread x Length)
632
561-A632.25
632x0.25
561-A632.375
632x0.375
561-A632.5
632x0.5
561-FMC632.25
632x0.25
561-FMC632.375
632x0.375
561-FMC632.5
632x0.5
561-R632.25
632x0.25
561-R632.375
632x0.375
561-R632.5
632x0.5
561-W632.25
632x0.25
561-W632.375
632x0.375
561-W632.5
632x0.5
832
561-A832.375
832x0.375
561-A832.5
832x0.5
561-FMC832.375
832x0.375
561-FMC832.5
832x0.5
561-R832.375
832x0.375
561-R832.5
832x0.5
561-W832.375
832x0.375
561-W832.5
832x0.5
1032
561-A1032.375
1032x0.375
561-A1032.5
1032x0.5
561-A1032.75
1032x0.75
561-F1032.375
1032x0.375
561-F1032.5
1032x0.5
561-F1032.75
1032x0.75
561-R1032.375
1032x0.375
561-R1032.5
1032x0.5
561-R1032.75
1032x0.75
561-W1032.375
1032x0.375
561-W1032.5
1032x0.5
561-W1032.75
1032x0.75
1/4-20
561-A2520.375
1/4-20x0.375
561-A2520.5
1/4-20x0.5
561-A2520.62
1/4-20x0.625
561-A2520.75
1/4-20x0.75
561-A2520.100
1/4-20x1
561-F2520.375
1/4-20x0.375
561-F2520.5
1/4-20x0.5
561-F2520.62
1/4-20x0.625
561-F2520.75
1/4-20x0.75
561-F2520.100
1/4-20x1
561-R2520.375
1/4-20x0.375
561-R2520.5
1/4-20x0.5
561-R2520.62
1/4-20x0.625
561-R2520.75
1/4-20x0.75
561-R2520.100
1/4-20x1
561-W2520.375
1/4-20x0.375
561-W2520.5
1/4-20x0.5
561-W2520.62
1/4-20x0.625
561-W2520.75
1/4-20x0.75
Round Washer
Round
Fillister
82° Flat
DIMENSIONS: in
Features:
•Protect
•Insulate
•Isolate
Replaces:
•Costly Brass and Stainless Steel Fasteners
•Costly Multiple Component Insulated Screw Assemblies
•Costly Sleeved and Cladded Screws
•Marginal Standard Nylon Fastener Applications
MATERIALS
Nylon Shell:
Nylon 6/6 Natural, High Dielectric Resistance, Corrosion Resistant,
Vibration and Abrasion Resistant
Reinforcing Core: High Strength, High Carbon, C.H.Q. Steel, Precision Cold Formed
and Knurled, Electro Zinc or Cadmium Plated


Similar Part No. - 561-R632.375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-RC2550 ETC2-561-RC2550 Datasheet
138Kb / 2P
Split Wire Routing Clip
561-RIV001 ETC2-561-RIV001 Datasheet
82Kb / 2P
Molded Acetal Rivets
561-RIV002 ETC2-561-RIV002 Datasheet
82Kb / 2P
Molded Acetal Rivets
561-RIV003 ETC2-561-RIV003 Datasheet
82Kb / 2P
Molded Acetal Rivets
561-RIV004 ETC2-561-RIV004 Datasheet
82Kb / 2P
Molded Acetal Rivets
More results

Similar Description - 561-R632.375

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750-031-16 GLENAIR-750-031-16 Datasheet
31Kb / 1P
Flexible Metal-Core Conduit
750-032-16 GLENAIR-750-032-16 Datasheet
32Kb / 1P
Flexible Metal-Core Conduit
750-033-16 GLENAIR-750-033-16 Datasheet
33Kb / 1P
Flexible Metal-Core Conduit
750-035-16 GLENAIR-750-035-16 Datasheet
33Kb / 1P
Flexible Metal-Core Conduit
750-085-16 GLENAIR-750-085-16 Datasheet
31Kb / 1P
Flexible Metal-Core Conduit
750-095-16 GLENAIR-750-095-16 Datasheet
31Kb / 1P
Flexible Metal-Core Conduit
logo
Taiyo Yuden (U.S.A.), I...
MDJE2020T1R0MM TAIYO-YUDEN-MDJE2020T1R0MM Datasheet
152Kb / 1P
Metal Core SMD Power Inductors
MDJE2020T2R2MM TAIYO-YUDEN-MDJE2020T2R2MM Datasheet
146Kb / 1P
Metal Core SMD Power Inductors
MDJE4040T4R7MM TAIYO-YUDEN-MDJE4040T4R7MM Datasheet
152Kb / 1P
Metal Core SMD Power Inductors
MDJE4040T100MM TAIYO-YUDEN-MDJE4040T100MM Datasheet
152Kb / 1P
Metal Core SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com