Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6564T Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6564T
Description  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6564T Datasheet HTML 6Page - STMicroelectronics L6564T Datasheet HTML 7Page - STMicroelectronics L6564T Datasheet HTML 8Page - STMicroelectronics L6564T Datasheet HTML 9Page - STMicroelectronics L6564T Datasheet HTML 10Page - STMicroelectronics L6564T Datasheet HTML 11Page - STMicroelectronics L6564T Datasheet HTML 12Page - STMicroelectronics L6564T Datasheet HTML 13Page - STMicroelectronics L6564T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
L6564T
10/33
Doc ID 022671 Rev 1
GB
Gain-bandwidth product
1
MHz
ICOMP
Source current
VCOMP = 4 V, VINV = 2.4 V
1.5
4
mA
Sink current
VCOMP = 4 V, VINV = 2.6 V
2
4.5
mA
VCOMP
Upper clamp voltage
ISOURCE = 0.5 mA
5.7
6.2
6.7
V
Burst-mode voltage
(3)
2.3
2.4
2.5
Lower clamp voltage
ISINK = 0.5 mA
(3)
2.1
2.25
2.4
Boost inductor saturation detector
VCS_th
Threshold on current sense
(3)
1.6
1.7
1.8
V
IINV
E/A input pull-up current
After VCS > VCS_th, before restarting
5
10
13
µA
Startup timer
tSTART_DEL Startup delay
First cycle after wake-up
20
50
100
µs
tSTART
Timer period
75
150
350
µs
Restart after VCS > VCS_th
150
300
700
Current sense comparator
ICS
Input bias current
VCS = 0
1
µA
tLEB
Leading edge blanking
70
150
300
ns
td(H-L)
Delay to output
70
200
350
ns
VCSclamp
Current sense reference clamp
VCOMP = upper clamp,
VMULT =1 V, VVFF = 1 V
0.97
1.08
1.2
V
Vcsofst
Current sense offset
VMULT = 0 V, VVFF = 3 V
40
70
mV
VMULT = 3 V, VVFF = 3 V
20
PFC_OK functions
IPFC_OK
Input bias current
VPFC_OK = 0 to 2.6 V
-0.1
-1
µA
VPFC_OK_C Clamp voltage
IPFC_OK = 1 mA
8.5
9.5
V
VPFC_OK_S OVP threshold
(1) Voltage rising
2.435
2.5
2.565
V
VPFC_OK_R Restart threshold after OVP
(1) Voltage falling
2.34
2.4
2.46
V
VPFC_OK_D Disable threshold
(1) Voltage falling
0.08
0.40
V
VPFC_OK_D Disable threshold
(1) Voltage falling Tj = 25 °C
0.17
0.23
0.29
V
VPFC_OK_E Enable threshold
(1) Voltage rising
0.10
0.43
V
VPFC_OK_E Enable threshold
(1) Voltage rising Tj = 25 °C
0.21
0.27
0.32
V
VFFD
Feedback failure detection
threshold (VINV falling)
VPFC_OK = VPFC_OK_S
1.61
1.66
1.71
V
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com