Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLSD103B-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LLSD103B-13
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LLSD103B-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  LLSD103B-13 Datasheet HTML 1Page - Diodes Incorporated LLSD103B-13 Datasheet HTML 2Page - Diodes Incorporated LLSD103B-13 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOT RECOMMENDED FOR NEW DESIGNS
PLEASE USE SD103AW - SD103CW
DS30068 Rev. 5 - 3
2 of 3
LLSD103A - 103C
www.diodes.com
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
0
1
2
3
4
5
0
0.5
1.0
1.5
V , FORWARD VOLTAGE (V)
F
Fig. 2 Typical High Current Forward Characteristics
0
10
20
30
40
50
0
100
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 3 Blocking Voltage Derating Curves
100mA
200mA
I = 400mA
F
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
LLSD103A-7
MiniMELF
2.5K//Tape & Reel, 7-inch
LLSD103A-13
MiniMELF
10K/Tape & Reel, 13-inch
LLSD103B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
LLSD103B-13
MiniMELF
10K/Tape & Reel, 13-inch
LLSD103C-7
MiniMELF
2.5K/Tape & Reel, 7-inch
LLSD103C-13
MiniMELF
10K/Tape & Reel, 13-inch
Ordering Information (Note 4)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com