Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6002ACMCL Datasheet(PDF) 5 Page - Littelfuse

Part # P6002ACMCL
Description  MC Series - Modified TO-220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6002ACMCL Datasheet(HTML) 5 Page - Littelfuse

  P6002ACMCL Datasheet HTML 1Page - Littelfuse P6002ACMCL Datasheet HTML 2Page - Littelfuse P6002ACMCL Datasheet HTML 3Page - Littelfuse P6002ACMCL Datasheet HTML 4Page - Littelfuse P6002ACMCL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
84
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband Optimized™ Protection
Part Marking
Packing Options
Part Numbering
Package
Type
Description
Quantity
Added Suffix
Industry
Standard
A
Modified TO-220
Tape and Reel Pack
700
RP
EIA-468-B
Modified TO-220
Bulk Pack
500
N/A
N/A
Modified TO-220,
Type 60 Lead Form
Bulk Pack
500
60
(special order item,
contact factory for details)
N/A
CONSTRUCTION VARIABLE
PACKING OPTIONS
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
MC L xx
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 2 A x
MC Series
Blank, RP or 60
-- forType 60 orders, contact factory
xxxxx
XXXXXXXXX
Part Marking Code
(Refer to Electrical Characteristics Table)
Date Code
Tape and Reel Specification — Modified TO-220
1.626
(41.15)
0.720
(18.29)
0.360
(9.14)
0.240
(6.10)
0.019
(0.5)
0.750 ± 0.010
(19.05 ± 0.25)
0.500
(12.7)
0.100
(2.54)
0.100
(2.54)
14.173 (360.0)
Dimensions are in inches
(and millimeters).
1.968
(50.0)
Direction of Feed
Dimensions - Modified TO-220
D
F
P
G
A
O
Temperature
Measurement
Point
PIN 3
PIN 2
PIN 1
J
H
L
K
M
N
The modifiedTO-220 package is designed to
meet mechanical standards as set forth in
JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.400
0.410
10.16 10.42
D
0.360
0.375
9.14
9.53
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71 14.61
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.90
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.290
0.310
7.37
7.87



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com