Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES-R-2X01B-M Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ES-R-2X01B-M Datasheet HTML 7Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 8Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 9Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 10Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 11Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 12Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 13Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 14Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
11
Wiring diagrams
The following diagram shows an RS-422 full-duplex bus. The ES-R-2x01B-M converters have a built-in
resistor for terminating their RxD ± input, which can be enabled using a jumper. The Tx ± lines which are
outputs from the ES-R-2x01B-M are terminated at the receiver at the other end of the bus as shown.
Twisted pair wires are required for each signal pair.
Figure 4
RS-422 4 Wire Full Duplex
The following diagram shows an RS-422 full-duplex bus with handshaking signals connected. The ES-R-
2x01B-M converters have built-in resistors for terminating their RxD ± and CTS ± inputs, which can be
enabled using jumpers. The TxD ± and RTS ± lines which are outputs from the ES-R-2x01B-M are
terminated at the receiver at the other end of the bus as shown. Twisted pair wires are required for each
signal pair.
Figure 5
RS-422 with handshaking signals connected
RS-422 Device
ES-R-2x01B-M
RxD+
TxD+
RxD-
TxD-
TxD+
RxD+
TxD-
RxD-
GND
GND
CTS+
RTS+
CTS-
RTS-
RTS+
CTS+
RTS-
CTS-
RS-422 Device
ES-R-2x01B-M
RxD+
TxD+
RxD-
TxD-
TxD+
RxD+
TxD-
RxD-
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com