Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012F6651CS Datasheet(PDF) 1 Page - Samsung semiconductor

Part # RC2012F6651CS
Description  Thick Film General Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012F6651CS Datasheet(HTML) 1 Page - Samsung semiconductor

  RC2012F6651CS Datasheet HTML 1Page - Samsung semiconductor RC2012F6651CS Datasheet HTML 2Page - Samsung semiconductor RC2012F6651CS Datasheet HTML 3Page - Samsung semiconductor RC2012F6651CS Datasheet HTML 4Page - Samsung semiconductor RC2012F6651CS Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Chip Resistors (RC General)
Thi k Fil Gl Chi R i t
Thick Film General Chip Resistors
- 1005(0402), 1608(0603), 2012(0805), 3216(1206),
3225(1210), 5025(2010), 6432(2512)
■ Features
● Small, thin and lightweight
● High reliability
● Applicable Both flow and reflow soldering
● Applicable Both flow and reflow soldering.
● Suitable size and package for surface mount assembly
● RoHS Compliant.
■ Part Number System
■ Part Number System
RC
Type
General purpose chip
7320
Resistance Value
3 di i
di
S
CS
Packing Type
7” reel
CS
F
Tolerance
±1%
F
1005
Size : mm (inch)
10 0 5
(0402)
1005
General purpose chip
resistor
RC
-3-digit coding System
(E-24 series)
-4-digit coding System
(E-96 series)
-Jumper : ‘000’
7” reel
CS
10” reel
ES
13” reel
AS
±1%
F
±2%
G
* Jumper : ‘J’
±5%
J
1.0×0.5mm (0402)
1005
1.6×0.8mm (0603)
1608
2012
3216
2.0×1.2mm (0805)
3.2×1.6mm (1206)
ex)7320 : 732Ω
3225
5025
6432
3.2×2.5mm (1210)
5.0×2.5mm (2010)
6.4×3.2mm (2512)
Ver. 2012.11


Similar Part No. - RC2012F6651CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC2012F6200CS SAMSUNG-RC2012F6200CS Datasheet
82Kb / 2P
Samsung Thick - Film Chip Resistor
More results

Similar Description - RC2012F6651CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1005F681CS SAMSUNG-RC1005F681CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC2012F1002CS SAMSUNG-RC2012F1002CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F754CS SAMSUNG-RC1005F754CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC2012F1801CS SAMSUNG-RC2012F1801CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC2012F3300CS SAMSUNG-RC2012F3300CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
logo
List of Unclassifed Man...
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
Thick Film General Purpose chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com