Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF81 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF81
Description  8.0A SUPER-FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF81 Datasheet(HTML) 1 Page - Diodes Incorporated

  SF81 Datasheet HTML 1Page - Diodes Incorporated SF81 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S24005 Rev. C-3
1 of 2
SF81-SF84
Features
·
Low Leakage
·
Low Forward Voltage Drop
·
High Current Capability
·
Super-fast Switching Speed < 35ns
·
Plastic Material - UL Flammability
Classification 94V-0
·
Good for 200KHz Power Supplier
Mechanical Data
·
Case: TO-220A, Molded Plastic
·
Terminals: Plated Axial Leads, Solderable per
MIL-STD-202 Method 208
·
Approx Weight: 2.24 grams
·
Mounting Position: Any
Ratings at 25° C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derated current 20%.
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
SF81
SF82
SF83
SF84
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current
@ TC = 125°C
I(AV)
8.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFM
125
A
Maximum Instantaneous Forward Voltage at 8.0A DC
VF
0.975
V
Maximum DC Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IR
10
150
mA
Typical Thermal Resistance
RqJC
3
°C/W
Maximum Reverse Recovery Time (Note 2)
Trr
35
ns
Typical Junction Capacitance (Note 3)
CJ
65
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Notes:
1.Thermal Resistance Junction to Ambient Vertical PC Board Mounting 12.7 mm Lead Length.
2. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A
3. Measured at 1.0MHz and applied reverse voltage of 4.0V.
SF81 - SF84
8.0A SUPER-FAST RECOVERY RECTIFIER
TO-220A
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
—
6.25
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53Ø
4.09Ø
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
Case
-
-
+
Case Positive
Case Negative


Similar Part No. - SF81

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF81 RECTRON-SF81 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Bytes
SF81 BYTES-SF81 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF81 DCCOM-SF81 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
More results

Similar Description - SF81

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
FR801 DIODES-FR801 Datasheet
60Kb / 2P
8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
STPR805DF DIODES-STPR805DF Datasheet
66Kb / 2P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14010 Rev. C-2
logo
TAITRON Components Inco...
TF801L TAITRON-TF801L Datasheet
131Kb / 4P
8.0A Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
FR801 LUGUANG-FR801 Datasheet
161Kb / 2P
8.0A Fast Recovery Rectifier
SF81 LUGUANG-SF81 Datasheet
174Kb / 2P
8.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
ER81 ZSELEC-ER81 Datasheet
155Kb / 2P
8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SF81 ZSELEC-SF81 Datasheet
136Kb / 2P
8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3K803SF YFWDIODE-D3K803SF Datasheet
641Kb / 3P
8.0A Super Fast Recovery Rectifier Bridge
TTF803E YFWDIODE-TTF803E Datasheet
297Kb / 3P
8.0A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com