Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC363C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TLC363C
Description  TRIPLE LOW CAPACITANCE MOUNT ZENER DIODE ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC363C Datasheet(HTML) 2 Page - Diodes Incorporated

  TLC363C Datasheet HTML 1Page - Diodes Incorporated TLC363C Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30186 Rev. 7 - 1
2 of 2
TLC363C Series (5V5, 6V4, 7V0, 20V8)
www.diodes.com
* Add “-7” to the appropriate type number in Table 1 from Sheet 2 example: 6.4V Zener = TLC363C6V4-7.
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
(Type Number)-7*
SOT-363
3000/Tape & Reel
(Note 3)
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
ST
U
V
W
Date Code Key
KXX = Product Type Marking Code, See Sheet 1
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXX YM
Marking Information
T , AMBIENT TEMPERATURE, °C
A
Fig. 1. Power Derating Curve
200
100
0
300
0
100
200
UNDER DEVELOPMENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com