Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF33SL Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PF33SL
Description  Ventilateurs a filtre compacts, 297-560 pimin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PF33SL Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PF33SL Datasheet HTML 1Page - Hammond Manufacturing Ltd. PF33SL Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bearing type
ball bearings
Fitting position
any, horizontal airflow preferred
Construction
housing and guard of sprayed thermoplastic, self-extinguishing, UL
94 VO
Weight
3.2 kg
3.2 kg
3.7 kg
Safety protection
in accordance with DIN 31 001
Color
RAL 7035, Light Grey
Connections
cage clamp
Approval
NEMA Type 12, IP 55 (EN 60 529), when installed as specified
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com