Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L293DD Datasheet(PDF) 13 Page - STMicroelectronics

Part # E-L293DD
Description  2.5 A switch step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L293DD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button E-L293DD Datasheet HTML 9Page - STMicroelectronics E-L293DD Datasheet HTML 10Page - STMicroelectronics E-L293DD Datasheet HTML 11Page - STMicroelectronics E-L293DD Datasheet HTML 12Page - STMicroelectronics E-L293DD Datasheet HTML 13Page - STMicroelectronics E-L293DD Datasheet HTML 14Page - STMicroelectronics E-L293DD Datasheet HTML 15Page - STMicroelectronics E-L293DD Datasheet HTML 16Page - STMicroelectronics E-L293DD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
L5973D
Package mechanical data
13/17
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com