Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12BH311A-R-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH311A-R-GR
Description  1 AA Battery Holder with Leads and Ribbon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH311A-R-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH311A-R-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Holds:
Leads:
Material:
Spring:
56.8 ± 1
(2.24 ± .04)
17.50±.50
(.69±.02)
2±.20
(.079±.008)
Red
Black
8±.20
(.314±.008)
13±.50
(.51±.02)
150±5
(5.91±.197)
150±5
(5.91±.197)
10±.20
(.39±.008)
4±1
(.157±.039)
4±1
(.157±.04)
13.90±.50
(.547±.02)
16.90±.50
(.67±.02)
80±5
(3.15±.197)
DiMenSionS: mm (in.)
1 “AA” Battery Holder
with Leads and Ribbon
12BH311A-R-GR
Date Last Revised: 5-10-12
SPeCiFiCATionS
1 “AA” Cell
AWG #26
Black & Red 150mm ±5mm
Strip & Tin 4mm ±1mm
P.P. Resin, Black Color
0.6mm 65C Spring Wire
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
EPD-200684
RoHS Compliant


Similar Part No. - 12BH311A-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
1 AA Battery Holder with Leads
More results

Similar Description - 12BH311A-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH222-GR ETC2-12BH222-GR Datasheet
83Kb / 1P
2 AA Battery Holder with Leads
12BH310A-GR ETC2-12BH310A-GR Datasheet
91Kb / 1P
10 AA Battery Holder with Leads
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
1 AA Battery Holder with Leads
12BH311P-R-GR ETC2-12BH311P-R-GR Datasheet
72Kb / 1P
1 AA Battery Holder with PCB Pins and Ribbon
12BH324A-GR ETC2-12BH324A-GR Datasheet
86Kb / 2P
2 AA Battery Holder with Leads
12BH331-R-GR ETC2-12BH331-R-GR Datasheet
90Kb / 1P
3 AA Battery Holder with Leads and Ribbon
12BH341P-R-GR ETC2-12BH341P-R-GR Datasheet
87Kb / 1P
Battery Holder 4 AA PC Leads w/ Ribbon
12BH343-GR ETC2-12BH343-GR Datasheet
77Kb / 1P
4 AA Battery Holder with Leads
12BH348-R-GR ETC2-12BH348-R-GR Datasheet
96Kb / 1P
4 AA Battery Holder w Leads and Ribbon
12BH383-GR ETC2-12BH383-GR Datasheet
84Kb / 1P
8 AA Battery Holder with Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com