Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9338 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9338
Description  Quad low side driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9338 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9338 Datasheet HTML 4Page - STMicroelectronics L9338 Datasheet HTML 5Page - STMicroelectronics L9338 Datasheet HTML 6Page - STMicroelectronics L9338 Datasheet HTML 7Page - STMicroelectronics L9338 Datasheet HTML 8Page - STMicroelectronics L9338 Datasheet HTML 9Page - STMicroelectronics L9338 Datasheet HTML 10Page - STMicroelectronics L9338 Datasheet HTML 11Page - STMicroelectronics L9338 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical specifications
L9338
8/14
Doc ID 1766 Rev 5
3.4
Electrical characteristics
Table 6.
Electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IQ
Quiescent current
-0.3V
 V
EN  0.5V;
VS = 14V; Tj = 85°C
-
< 2
10
A
EN = high; VS  14V
-
1.5
2
mA
Inputs IN1 - IN3, PRG
VINIlow
Input voltage low
-
-24
-
2.0
V
VINhigh
Input voltage high
-
2.8
-
45
V
IIN
Input current
-24 V
 V
i  10 V
-10
-
15
A
Enable input EN
VENlow
Input voltage low
-
-24
-
1
V
VENhigh Input voltage high
-
3.2
-
VS
V
REN
Input impedance
-24V < Vi < 2.5V
10
-
-
k
IEN
Input current
2.5V
 V
i  25V
-
20
50
A
Outputs OUT1-OUT3
RDSon
Output on-resistor to ground
VS  6 V, IO= 0.3 A
Tj = 25 °C
Tj = 125 °C
-1.7
2.3
3.5
IOLeak
Leakage current
VO = VS = 14 V; Tj = 85 °C
-
1
5
A
VOClamp Output voltage during clamping
time < 200
s; 10 mA  Io  0.3 A
45
52
60
V
IOSC
Short-circuit current
-
400
700
1200
mA
CO
Internal output capacities
VO  4.5V
-
-
100
pF
Diagnostic output DIAG
VDlow
Output voltage low
IDL  1 mA
-
0.3
0.5
V
IDmax
Max. Output current
Internal current limitation
1
5
15
mA
I
Dleak
Leakage current
VS = 14 V; TJ = 85 °C
-
0.1
1
A
Timing (see Figure 3)
td,on
On delay time
VS = 14 V, Cext = 0 pF
10 mA
 I
O  200m A
-
2.5
3.5
s
td,off
Off delay time
-
3
4.5
s
tset
Enable settling time
-
-
10
s
td,DIAG
On or off diagnostic delay time
-
-
10
s
Sout
Output slopes
2.5
9
16
V/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com