Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64128MX Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 64128MX
Description  GENERAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

64128MX Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 64128MX Datasheet HTML 14Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 15Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 16Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 17Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 18Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 19Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 20Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 21Page - List of Unclassifed Manufacturers 64128MX Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Displaytech Ltd LCD MODULE
64128MX SERIES
Version : 1.0 P 21 of 21
◆
Storage
When storing LCDs as spares for some years, the following precaution are necessary.
1. Store them in a sealed polyethylene bag. If properly sealed, there is no need for desiccant.
2. Store them in a dark place. Do not expose to sunlight or fluorescent light, keep the temperature between 0°C and 35°C.
3. The polarizer surface should not come in contact with any other objects. (We advise you to store them in the container in
which they were shipped.)
4. Environmental conditions :
•
Do not leave them for more than 168hrs. at 60°C.
•
Should not be left for more than 48hrs. at -20°C.
◆
Safety
1. It is recommended to crush damaged or unnecessary LCDs into pieces and wash them off with solvents such as acetone and
ethanol, which should later be burned.
2. If any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off thoroughly with soap and
water.
◆
Limited Warranty
Unless agreed between DISPLAYTECH and customer, DISPLAYTECH will replace or repair any of its LCD modules
which are found to be functionally defective when inspected in accordance with DISPLAYTECH LCD acceptance standards
(copies available upon request) for a period of one year from date of shipments. Cosmetic/visual defects must be returned to
DISPLAYTECH within 90 days of shipment. Confirmation of such date shall be based on freight documents. The warranty
liability of DISPLAYTECH limited to repair and/or replacement on the terms set forth above. DISPLAYTECH will not be
responsible for any subsequent or consequential events.
◆
Return LCM under warranty
No warranty can be granted if the precautions stated above have been disregarded. The typical examples of violations are :
•
Broken LCD glass.
•
PCB eyelet’s damaged or modified.
•
PCB conductors damaged.
•
Circuit modified in any way, including addition of components.
•
PCB tampered with by grinding, engraving or painting varnish.
•
soldering to or modifying the bezel in any manner.
Module repairs will be invoiced to the customer upon mutual agreement. Modules must be returned with sufficient
description of the failures or defects. Any connectors or cable installed by the customer must be removed completely without
damaging the PCB eyelet’s, conductors and terminals.
n REVISION RECORD
VERSION
CHANGES
DATE
1.0
Initial revision
10 June 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com