Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNB65 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DNB65
Description  Recifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DNB65 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DNB65 Datasheet HTML 1Page - Dynex Semiconductor DNB65 Datasheet HTML 2Page - Dynex Semiconductor DNB65 Datasheet HTML 3Page - Dynex Semiconductor DNB65 Datasheet HTML 4Page - Dynex Semiconductor DNB65 Datasheet HTML 5Page - Dynex Semiconductor DNB65 Datasheet HTML 6Page - Dynex Semiconductor DNB65 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.dynexsemi.com
DNB65
FEATURES
s Double Side Cooling
s High Surge Capability
APPLICATIONS
s Rectification
s Freewheel Diode
s DC Motor Control
s Power Supplies
s Welding
s Battery Chargers
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, e.g.:
DNB65 40
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
DNB65
Recifier Diode
Replaces January 2000 version, DS4175-2.0
DS4175-3.0 August 2001
4500
4400
4200
4000
3800
3600
DNB65 45
DNB65 44
DNB65 42
DNB65 40
DNB65 38
DNB65 36
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
KEY PARAMETERS
V
RRM
4500V
I
F(AV)
2590A
I
FSM
31000A
Outline type code: DO200AD
See Package Details for further information.
Fig. 1 Package outline


Similar Part No. - DNB65

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DNB61 DYNEX-DNB61 Datasheet
90Kb / 7P
Rectifier Diode
DNB6116 DYNEX-DNB6116 Datasheet
90Kb / 7P
Rectifier Diode
DNB6118 DYNEX-DNB6118 Datasheet
90Kb / 7P
Rectifier Diode
DNB6120 DYNEX-DNB6120 Datasheet
90Kb / 7P
Rectifier Diode
DNB6122 DYNEX-DNB6122 Datasheet
90Kb / 7P
Rectifier Diode
More results

Similar Description - DNB65

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TRB65 TRSYS-TRB65 Datasheet
303Kb / 6P
RECIFIER DIODE
logo
International Rectifier
MBR6045WT IRF-MBR6045WT Datasheet
56Kb / 2P
SCHOTTKY RECIFIER
logo
Solid States Devices, I...
SHA2604R SSDI-SHA2604R Datasheet
199Kb / 2P
ULTRA FAST RECOVERY COMMON ANODE CENTERTAP RECIFIER
logo
Jinan Jingheng (Group) ...
GF10A JINANJINGHENG-GF10A Datasheet
85Kb / 2P
Surface Mount Glass Passivated Recifier
S1A JINANJINGHENG-S1A Datasheet
64Kb / 2P
Surface Mount Glass Passivated Recifier
logo
Microsemi Corporation
SBR12040R MICROSEMI-SBR12040R Datasheet
135Kb / 2P
120 Amp Schotky Recifier
logo
Nanjing International G...
MBR3020CT DGNJDZ-MBR3020CT Datasheet
117Kb / 2P
SCHOTTKY BARRIER RECIFIER
logo
RFE international
MUR1060FCT RFE-MUR1060FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1060FCT
08-22-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR30120P RFE-MUR30120P Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR30120P
02-11-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com