Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS14-LTP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS14-LTP
Description  1 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS14-LTP Datasheet(HTML) 1 Page - Micro Commercial Components

  SS14-LTP Datasheet HTML 1Page - Micro Commercial Components SS14-LTP Datasheet HTML 2Page - Micro Commercial Components SS14-LTP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12-L
THRU
SS110-L
1 Amp Schottky
Rectifier
20 to 100 Volts
Features
•
Low Forward Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS12-L
SS12
20V
14V
20V
SS13-L
SS13
30V
21V
30V
SS14-L
SS14
40V
28V
40V
SS15-L
SS15
50V
35V
50V
SS16-L
SS16
60V
42V
60V
SS18-L
SS18
80V
56V
80V
SS110-L
SS110
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 1.0A;
TJ = 25
°C
Typical Junction
Capacitance
SS12~16
SS18~110
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
MCC
SS12~14
SS15~16
SS18~110
.50V
.70V
.85V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: C
2013/01/01
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 35
°C/W Junction To Lead
Maximum Ratings
5
5°C/W Junction To Case
90°C/W Junction To Ambient
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Compliant. See ordering information)
•
Guard Ring Protection
•
Halogen free available upon request by adding suffix "-HF"
•
High Current Capability


Similar Part No. - SS14-LTP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS14-L MCC-SS14-L Datasheet
259Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Dc Components
SS14-L DCCOM-SS14-L Datasheet
32Kb / 2P
RECTIFIER SPECIALISTS
logo
Micro Commercial Compon...
SS14-L MCC-SS14-L Datasheet
338Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Frontier Electronics.
SS14-LFR FRONTIER-SS14-LFR Datasheet
127Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS14-LTP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12 MCC-SS12 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com