Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM260-RTR Datasheet(PDF) 37 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 37 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image EM260-RTR Datasheet HTML 39Page - Silicon image EM260-RTR Datasheet HTML 40Page - Silicon image EM260-RTR Datasheet HTML 41Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
EM260
Page 37
120-0260-000M Rev 1.1
7
SIF Module Programming and Debug Interface
SIF is a synchronous serial interface developed by Cambridge Consultants Ltd. It is the primary programming
and debug interface of the EM260. The SIF module allows external devices to read and write memory-mapped
registers in real-time without changing the functionality or timing of the XAP2b core. See document AN696,
PCB Design with an EM260, for the PCB-level design details regarding the implementation of the SIF interface.
The EM260 pins involved in the SIF Interface:
nSIF_LOAD
SIF_CLK
SIF_MOSI
SIF_MISO
nRESET
In addition, the VDD_PADS and Ground Net are required for external voltage translation and buffering of the
SIF Signals.
The SIF interface provides the following:
PCB production test interface via Virtual UART and a Debug Adapter (ISA)
Programming and debug interface during EmberZNet application development
In order to achieve the deep sleep currents specified in Table 5, a pull-down resistor must be connected to
the SIF_MOSI pin. In addition, Silicon Labs recommends a pull-up resistor to be placed on the nSIF_LOAD pin in
order to prevent noise from coupling onto the signal. Both of these recommendations are documented within
the EM260 Reference designs.
When developing application-specific manufacturing test procedures, Silicon Labs recommends the designer
refer to document AN700, Manufacturing Test Guidelines. This document provides more detail regarding
importance of designing the proper SIF interface as well as timing of the SIF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com