Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB834 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB834
Description  PNP Plastic-Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB834 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB834 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SB834
-3A , -60V
PNP Plastic-Encapsulated Transistor
Elektronische Bauelemente
14-Aug-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power switching applications
CLASSIFICATION OF hFE
Product-Rank
2SB834-O
2SB834-Y
Range
60~120
100~200
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-7
V
Collector Current - Continuous
IC
-3
A
Collector Power Dissipation
PC
2
W
Thermal resistance, junction to case
RθJC
4.16
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC= -1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-60
-
-
V
IC= -50mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-7
-
-
V
IE= -1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
-100
µA
VCB= -60V, IE=0
Emitter Cut – Off Current
IEBO
-
-
-100
µA
VEB= -7V, IC=0
DC Current Gain
hFE
60
-
200
VCE= -5V, IC= -500mA
20
-
-
VCE= -5V, IC= -3A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-1
V
IC= -3A, IB= -0.3A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1
V
VCE= -5V, IC= -0.5A
Transition Frequency
fT
5
-
-
MHz
VCE= -5V, IC= -500mA, f =1MHz
Turn-on Time
tON
-
0.7
-
µs
IB1= -IB2= -0.2A, IC=2A, VCC=30V
Storage Time
tSTG
-
2
-
Turn-off Time
tOFF
-
0.9
-
Note:
1. Pulse test.
ITO-220J
A
M
J
K
L
L
G
F
B
N
D
E
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.80
15.60
H
3.00
4.00
B
9.50
10.50
J
0.90
1.50
C
13.00 REF.
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.20
M
2.50
2.90
F
2.40
2.90
N
φ 3.5 REF.
G
0.30
0.75


Similar Part No. - 2SB834

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
logo
Wing Shing Computer Com...
2SB834 WINGS-2SB834 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
TRANSYS Electronics Lim...
2SB834 TEL-2SB834 Datasheet
65Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SB834 SAVANTIC-2SB834 Datasheet
132Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB834 JMNIC-2SB834 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SB834

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com