Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2658-S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2658-S
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2658-S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2658-S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2658-S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC5658
0.15A , 60V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
19-Sep-2012 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Low current (max. 150 mA)
Low voltage (max. 50 V).
CLASSIFICATION OF hFE (1)
Product-Rank
2SC2658-Q
2SC2658-R
2SC2658-S
Range
120~270
180~390
270~560
Marking
BQ
BR
BS
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
7
V
Collector Current - Continuous
IC
150
mA
Collector Power Dissipation
PC
100
mW
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=50µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=50µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µ
A
VCB=60V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µ
A
VEB=7V, IC=0
DC Current Gain
hFE
120
-
560
VCE=6V, IC=1mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=50mA, IB=5mA
Transition Frequency
fT
-
180
-
MHz
VCE=12V, IC=2mA, f=100MHz
Collector Output Capacitance
Cob
-
-
3.5
pF
VCB=12V, IE=0, f=1MHz
SOT-723
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.150
1.250
F
0.170
0.270
B
0.750
0.850
G
0.270
0.370
C
-
0.500
H
0
0.050
D
1.150
1.250
I
-
0.150
E
0.800TYP.


Similar Part No. - 2SC2658-S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2658 ISC-2SC2658 Datasheet
214Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC2658 NJSEMI-2SC2658 Datasheet
125Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2658-S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com