Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS502ST09 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DS502ST09
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS502ST09 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DS502ST09 Datasheet HTML 1Page - Dynex Semiconductor DS502ST09 Datasheet HTML 2Page - Dynex Semiconductor DS502ST09 Datasheet HTML 3Page - Dynex Semiconductor DS502ST09 Datasheet HTML 4Page - Dynex Semiconductor DS502ST09 Datasheet HTML 5Page - Dynex Semiconductor DS502ST09 Datasheet HTML 6Page - Dynex Semiconductor DS502ST09 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
DS502ST
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Dissipation curves
V
FM
Equation:-
V
FM
= A + Bln (I
F
) + C.I
F
+D.
√I
F
Where
A = 0.504353
B = 0.056611
C = 0.000639
D = –0.0011
these values are valid for T
j
= 125˚C for I
F
500A to 2500A
0
500
1000
1500
2000
2500
3000
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
Instantaneous forward voltage, VF - (V)
Tj = 25ºC
Tj = 175ºC
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
700
800
Mean on-state current, IT(AV) - (A)
dc
1/2 wave
3 phase
6 phase



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com