Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5194 Datasheet(PDF) 7 Page - NEC

Part # 2SC5194
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5194 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5194 Datasheet HTML 2Page - NEC 2SC5194 Datasheet HTML 3Page - NEC 2SC5194 Datasheet HTML 4Page - NEC 2SC5194 Datasheet HTML 5Page - NEC 2SC5194 Datasheet HTML 6Page - NEC 2SC5194 Datasheet HTML 7Page - NEC 2SC5194 Datasheet HTML 8Page - NEC 2SC5194 Datasheet HTML 9Page - NEC 2SC5194 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5194
7
VCE = 1 V, IC = 10 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.704
–61.8
21.034
144.3
0.032
37.4
0.861
–33.6
200.00
0.669
–103.2
15.396
121.8
0.062
41.3
0.626
–64.9
300.00
0.633
–129.6
11.781
106.8
0.074
40.3
0.494
–85.9
400.00
0.583
–146.3
9.058
98.7
0.078
40.1
0.388
–97.2
500.00
0.579
–156.5
7.353
94.7
0.082
41.9
0.316
–104.9
600.00
0.596
–165.4
6.413
90.5
0.089
42.8
0.284
–108.8
700.00
0.584
–171.9
5.493
84.8
0.094
41.9
0.281
–118.8
800.00
0.563
–179.4
4.762
80.9
0.097
43.2
0.254
–130.0
900.00
0.536
176.8
4.149
78.4
0.102
45.0
0.232
–134.8
1000.00
0.562
172.0
3.816
75.9
0.110
45.4
0.221
–137.9
1100.00
0.565
166.1
3.460
72.8
0.114
44.7
0.228
–139.7
1200.00
0.584
164.3
3.185
69.7
0.118
43.7
0.231
–147.3
1300.00
0.583
160.7
2.916
66.6
0.124
43.2
0.218
–153.7
1400.00
0.589
161.6
2.782
64.0
0.133
43.2
0.215
–158.6
1500.00
0.595
157.3
2.638
59.5
0.144
42.7
0.213
–161.3
1600.00
0.569
155.1
2.468
56.9
0.154
42.9
0.223
–164.1
1700.00
0.582
152.4
2.335
55.0
0.159
44.7
0.230
–169.5
1800.00
0.582
149.6
2.203
55.3
0.166
45.9
0.237
–170.5
1900.00
0.597
148.2
2.090
53.5
0.169
46.2
0.238
–172.9
2000.00
0.600
145.8
1.985
52.7
0.174
43.9
0.244
–172.1
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.033
–16.8
3.626
168.0
0.024
37.6
0.992
–4.3
200.00
0.994
–32.7
3.276
158.4
0.066
62.7
0.970
–13.2
300.00
1.016
–48.6
3.320
146.3
0.102
59.1
0.924
–20.7
400.00
1.004
–62.9
3.208
134.2
0.127
51.4
0.897
–25.2
500.00
0.904
–77.0
2.864
125.7
0.138
43.4
0.860
–30.0
600.00
0.822
–84.6
2.593
120.7
0.149
39.9
0.838
–31.2
700.00
0.829
–96.7
2.423
112.7
0.165
33.3
0.808
–36.8
800.00
0.794
–109.8
2.202
104.9
0.167
27.6
0.733
–37.2
900.00
0.747
–118.0
2.010
98.0
0.166
24.7
0.711
–40.1
1000.00
0.736
–125.8
1.857
94.1
0.166
22.0
0.667
–41.3
1100.00
0.718
–131.9
1.682
88.6
0.167
16.8
0.664
–46.0
1200.00
0.732
–141.3
1.625
83.8
0.164
12.1
0.619
–50.1
1300.00
0.732
–149.9
1.437
79.9
0.164
8.7
0.605
–51.2
1400.00
0.747
–153.1
1.368
78.9
0.163
7.7
0.602
–54.6
1500.00
0.729
–158.6
1.335
68.3
0.168
6.1
0.603
–55.4
1600.00
0.691
–163.0
1.321
63.0
0.165
6.4
0.595
–58.9
1700.00
0.699
–168.3
1.231
59.8
0.157
6.1
0.577
–60.1
1800.00
0.660
–175.2
1.245
58.5
0.150
7.9
0.579
–63.0
1900.00
0.693
–178.0
1.130
55.9
0.147
6.9
0.564
–66.3
2000.00
0.700
177.4
1.062
54.1
0.139
7.0
0.574
–68.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com