Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP5401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP5401
Description  PNP Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP5401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP5401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP5401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCP5401
PNP Epitaxial
Planar Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1.BASE
2.COLLECTOR
3.EMITTER
ABSOLUTE MAXIMUM RATINGS (Tamb=25 C, unless otherwise specified)
o
P
Symbol
Value
Unit
arameter
Collector-Base Voltage
VCBO
-160
V
V
V
mA
W
C
o
Collector-Emitter Voltage
VCEO
VEBO
-5
Emitter-Base Voltage
-600
PD
IC
1
Collector Current
Total Power Dissipation
Operating Junction and Storage Temperature
TJ,TSTG
+150,-55 ~ +150
-150
ELECTRICAL CHARACTERISTICS (Tamb=25 C)
o
P
Symbol
Min.
Typ. Max. Unit
Test Conditions
arameter
Collector-Base Breakdown Voltage
IC=-100µA, IE=0
IC=-1mA, IB=0
IE=-10µA, IC=0
VCB=-120V, IE=0
VEB=-5V, IC=0
IC=-10mA, IB=-1mA
IC
VCB=-10V, f=1MHz
BVCBO
-160
V
Collector-Emitter Breakdown Voltage
BVCEO
BVEBO
V
V
-5
nA
Emitter-Base Breakdown Voltage
nA
ICBO
IEBO
V
1
CE(sat)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-500
-200
-50
-50
mV
mV
Collector Cut-off Current
Emitter Cut-off Current
Output Capacitance
-150
IC=-50mA, IB=-5mA
VCE=-5V, IC=-1mA
VCE=-5V, IC=-10mA
VCE=-5V, IC=-50mA
VCE=-10V,IC=-10mA, f=100MHz
60
50
VBE(sat)2
hFE1
hFE2
hFE3
fT
-
-
-
-
-
-
-
-
50
240
-1
MHz
V
Base-Emitter Voltage
DC Current Gain
Transition Frequency
V
2
CE(sat)
Collector-Emitter Saturation Voltage
=-50mA, IB =-5mA
Cob
VBE(sat)1
-
6
pF
-
100
-1
V
IC=-10mA, IB=-1mA
Marking:54
XXXX
(xxxx = Date Code)
01
Designed for gereral prupose application requiring
high breakdown voltage.
01-Jun-2002 Rev. A
Page 1 of 2
1
2
3
Features
SOT-89
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
RoHS Compliant Product


Similar Part No. - BCP5401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP5401 SECOS-BCP5401_15 Datasheet
372Kb / 2P
Planar Transistor
More results

Similar Description - BCP5401

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com