Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5288 Datasheet(PDF) 6 Page - NEC

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5288 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5288 Datasheet HTML 2Page - NEC 2SC5288 Datasheet HTML 3Page - NEC 2SC5288 Datasheet HTML 4Page - NEC 2SC5288 Datasheet HTML 5Page - NEC 2SC5288 Datasheet HTML 6Page - NEC 2SC5288 Datasheet HTML 7Page - NEC 2SC5288 Datasheet HTML 8Page - NEC 2SC5288 Datasheet HTML 9Page - NEC 2SC5288 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SC5288
6
(VCE = 3.6 V, IC = 50 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
715.8
mU
139.35
3.016
U
51.983
100.42
mU
48.822
394.84 mU
168.48
1 600.000 000
720.76 mU
136.46
2.8083 U
49.175
105.01
mU
47.71
398.8
mU
166.46
1 700.000 000
726.82 mU
133.95
2.6218 U
46.439
111.1
mU
46.454
407.45 mU
165.26
1 800.000 000
730.81 mU
131.26
2.4723 U
44.121
114.88
mU
45.698
409.49 mU
162.73
1 900.000 000
734.29 mU
128.81
2.3281 U
41.846
120.86
mU
44.515
415.56 mU
161.44
2 000.000 000
737.92 mU
126.63
2.2011 U
39.349
126.55
mU
43.095
422.56 mU
159.77
2 100.000 000
745.62 mU
124.52
2.093
U
37.055
130.53
mU
42.061
433.93 mU
158.13
2 200.000 000
749.61 mU
122.41
1.982
U
34.509
135.53
mU
40.603
440.61 mU
156.51
2 300.000 000
753.99 mU
120.45
1.8797 U
32.318
139.56
mU
39.205
450.02 mU
155.28
2 400.000 000
760.04 mU
118.54
1.8047 U
30.012
144.72
mU
38.297
460.48 mU
154.03
2 500.000 000
765.12 mU
116.37
1.7271 U
28.018
147.87
mU
36.726
484.87 mU
152.86
(VCE = 3.6 V, IC = 70 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
720.28 mU
138.75
2.9933 U
51.958
100.92
mU
49.947
407.09 mU
166.83
1 600.000 000
724.79 mU
135.88
2.774
U
48.991
106.59
mU
48.93
412.38 mU
165.19
1 700.000 000
729.46 mU
133.4
2.5983 U
46.391
112.06
mU
47.781
418.33 mU
163.23
1 800.000 000
734.56 mU
130.77
2.4497 U
43.947
117.58
mU
45.554
423.16 mU
161.37
1 900.000 000
738.35 mU
128.34
2.3012 U
41.738
122.01
mU
45.325
426.92 mU
160.02
2 000.000 000
742.67 mU
126.2
2.1201 U
39.512
128.41
mU
44.366
435.11 mU
159.71
2 100.000 000
746.81 mU
124.12
2.0594 U
37.043
132.9
mU
43.082
445.52 mU
155.71
2 200.000 000
752.47 mU
121.93
1.9705 U
34.702
137.09
mU
41.148
454.54 mU
155.11
2 300.000 000
757.47 mU
120.03
1.8575 U
32.355
141.84
mU
39.941
461.66 mU
153.72
2 400.000 000
764.37 mU
119.06
1.7848 U
30.057
145.38
mU
38.731
468.19 mU
152.69
2 500.000 000
767.49 mU
115.96
1.722
U
28.063
148.85
mU
37.396
479.11 mU
151.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com