Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT018ATFT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # INT018ATFT
Description  LCD Module Product Specification
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT018ATFT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button INT018ATFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT018ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Displaytech Ltd
LCD MODULE
INT018ATFT
Version: 1.0
8
10.Backlight specification
(Vcc=3.3V, Vss=0V, Ta=25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Note
Supply voltage
Vf
If=20mA x2
2.9
---
3.5
V
2
Forward current
If
---
40
---
mA
3
Uniformity
ΔBp
If=30mA
80
---
---
%
Color coordination
X
0.260
---
0.305
---
Y
0.265
---
0.305
---
LED circuit diagram:
Constant current If=20x2mA; Vf=3.2±0.3V(typ)
Note:
1) As there has built-in PWM control for the backlight, so the backlight driving specification is only applicable
for direct driving.
2) The LED’s driver mode needs to be constant current mode.
3) Permanent damage to the device may occur if maximum values are exceeded. Functional operation should be
restricted to the conditions described under normal operating conditions.
11.Optical Characteristics
(Vcc=3.3V, Vss=0V, Ta=25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Note
Brightness
Bp
θ=0º
Ф=0º
250
280
---
cd/m²
1
Uniformity
ΔBp
80
---
---
%
1, 2
Viewing Angle
θ1
(Ф=90°
or 270°)
Cr≥10
-65 ~ 65
deg
3
θ2
(Ф=0°
or
180°)
-50 ~ 40
Contrast ratio
Cr
θ=0º
Ф=0º
---
350
---
---
4
Response Time
Tr
---
30
---
ms
5
Tf
White
x
θ=0º
Ф=0º
0.2451
0.2951
0.3451
---
1, 6
y
0.2664
0.3164
0.3664
Red
x
0.5333
0.5833
0.6333
y
0.2804
0.3304
0.3804
Green
x
0.2913
0.3413
0.3913
y
0.5314
0.5814
0.6314
Blue
x
0.1036
0.1536
0.2036
y
0.0465
0.0965
0.1465
NTSC Ratio
S
---
51
---
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com