Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT024BTFT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # INT024BTFT
Description  LCD Module Product Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT024BTFT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button INT024BTFT Datasheet HTML 4Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Displaytech Ltd
LCD MODULE
INT024BTFT / INT024BTFT-TS
Version: 2.0
7
6. Interface Description
Pin no
Symbol
I/O
Description
1~2
VDD
---
Power supply 3.3V
3~4
VCC
---
Power supply 3.3V
5
GND
---
Power ground 0V
6
/CS
I
Chip Select Input
Low active chip select pin.
7
RS
I
Command / Data Select Input
The pin is used to select command/data cycle. RS = 0, data Read/Write cycle is
selected. RS = 1, status read/command write cycle is selected.
In 8080 interface, usually it connects to “A0” address pin.
8
/RD
I
Enable/Read Enable
When MCU interface (I/F) is 8080 series, this pin is used as data read (RD#),
active low.
When MCU I/F is 6800 series, this pin is used as Enable (EN), active high.
9
/WR
I
Write/Read-Write
When MCU I/F is 8080 series, this pin is used as data write (WR#), active low.
When MCU I/F is 6800 series, this pin is used as data read/write control (RW#).
Active high for read and active low for write.
10
/RST
I
Reset Signal Input
This active-low input performs a hardware reset on the RA8872. It is a Schmitt-
trigger input for enhanced noise immunity; however, care should be taken to
ensure that it is not triggered if the supply voltage is lowered.
11
~
18
DDB00
~
DDB07
I/O
Data Bus
These are data bus for data transfer.
19
INT
O
Interrupt Signal Output
The interrupt output for MCU to indicate the status of RA8872.
20
WAIT
O
Wait Signal Output
This is a WAIT output to indicate the RA8872 is in busy state. The RA8872 can’t
access MCU cycle when WAIT# pin is active. It is active low and could be used
for MCU to poll busy status by connecting it to I/O port.
21
GND
---
Power ground 0V
22
NC (PWM)
---
No connection
23
NC (VLED+)
---
No connection
24
NC (VLED-)
---
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com