Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT028ATFT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # INT028ATFT
Description  LCD Module Product Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT028ATFT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button INT028ATFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT028ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Displaytech Ltd
LCD MODULE
INT028ATFT / INT028ATFT-TS
Version: 1.0
8
7. Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Min.
Max.
Unit
Power supply voltage
VCC
3.0
3.6
V
Logic signal input/output
voltage
Vin
-0.3
VCC +0.3
V
Operating Temperature
TOP
-20
+70
°C
Storage Temperature
TST
-30
+80
°C
Note:
•
When temperature is below 0°C, the response time of liquid crystal (LC) will be slower and the
color of panel will be darker.
•
If module driving condition exceeds the absolute maximum ratings, permanent damaged may be
resulted. If module is driven within the absolute maximum ratings but exceeded the DC
characteristics, mal-function may be resulted.
•
VDD/VCC > VSS
8. Electrical Characteristics
DC Characteristics
(Vss=0V, Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply
VCC / VDD
3.135
3.3
3.465
V
Input voltage “H”
VIH
---
0.8 VCC
---
VCC
V
Input voltage “L”
VIL
---
VSS
---
0.2 VCC
V
Output voltage “H”
VOH
---
VCC –0.4
---
VCC
V
Output voltage “L”
VOL
---
VSS
---
VSS +0.4
V
9. Display Controller /Power Supply Timing
“Auto Initialisation” takes around half second to complete, so customer is suggested to add a one second
delay at the beginning of their program.
See Display Controller Specification: RAIO RA8872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com