Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT070ATFT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # INT070ATFT
Description  LCD Module Product Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT070ATFT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button INT070ATFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 9Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 10Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 11Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 12Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 13Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 14Page - List of Unclassifed Manufacturers INT070ATFT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Displaytech Ltd
LCD MODULE
INT070ATFT / INT070ATFT-TS
Version: 2.1
10
7. Absolute Maximum Ratings
(GND=VSS=0V; Ta=25°C)
Item
Symbol
Min.
Max.
Unit
I/O power supply
VDDIO
-0.5
4.6
V
Digital Core power supply
VDDD
-0.5
1.8
V
LCD Interface power supply
VDDLCD
-0.5
4.6
V
Input Voltage
VIN
-0.5
4.6
V
Output Voltage
VOUT
-0.5
4.6
V
Operating Temperature
TOP
-20
+70
°C
Storage Temperature
TST
-30
+80
°C
Note:
•
When temperature is below 0°C, the response time of liquid crystal (LC) will be slower and the
color of panel will be darker.
•
If module driving condition exceeds the absolute maximum ratings, permanent damaged may be
resulted. If module is driven within the absolute maximum ratings but exceeded the DC
characteristics, mal-function may be resulted.
•
VDD/VCC > VSS
8. Electrical Characteristics
DC Characteristics
(GND=VSS=0V; Ta=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
I/O power supply
VDDIO
3.135
3.3
3.465
V
Digital Core power supply
VDDD
1.08
1.2
1.32
V
LCD Interface power supply
VDDLCD
1.65
3.3
3.6
V
Input signal
voltage
Low level
VIL
---
---
0.2VDDIO
High level
VIH
0.8VDDIO
---
VDDIO + 0.5
V
Output signal
voltage
Low level
VOL
---
---
0.2VDDIO
V
High level
VOH
0.8VDDIO
---
---
V
9. Power Consumption
(GND=VSS=0V; Ta=25°C)
Item
Symbol
Condition
Typ
Max.
Unit
Digital Supply Current
IDVDD V
DVDD=3.3
3.22
8.70
mA
Analog Supply Current
IAVDD
AVDD=10.4V
15.69
23.01
mA
Gate On Current
IVGH
VGH=16.0V
0.20
0.22
mA
Gate Off Current
IVGL
VGL=-7.0V
0.20
0.22
mA
Power Consumption
Panel & Gamma
---
177.67
254.65
mW
Backlight
---
1.152
1.267
W
Total
---
1.330
1.522
W
Power supply for backlight (pin#38)
4.75
5.0
5.25
V
Current consumption for backlight (pin#38)
408
510
765
mA
10.Display and Touch Screen Controller /Power Supply Timing
See Display and Touch Screen Controller Specification: Solomon SSD1963 & Maxim MAX11802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com