Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS213A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IQS213A
Description  3-Channel Capacitive Touch/Swipe Function Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS213A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IQS213A Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS213A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2013
IQS213A (IQS213) Datasheet
Page 7 of 46
All Rights Reserved
Revision 2.1
March 2014
5 User Configurable Options
The IQS213A (IQS213) provides One Time Programmable (OTP) user options (each option can be
modified only once). However,
with the use of Azoteq‟s IQS213(A) GUI software, the IQS213A can
enter streaming mode in a start-up state (Test Mode) where the OTP options can be configured
and evaluated, before programming.
The device is fully functional in the default (un-configured) state, as a 2-Channel Self-capacitive
SwipeSwitch IC.
The configuration of the device can be done on packaged devices or in-circuit. In-circuit
configuration may be limited by the type and/or values of external components chosen.
Please see Section 5.3 for IQS213A device setup and output configuration examples.
5.1 Configuring of Devices
Azoteq offers a Configuration Tool (CT210 or later) and associated software (USBProg.exe) that
can be used to program the OTP user options for prototyping purposes. More details regarding the
configuration of the device with the USBProg program can be found in "AZD007 - USBProg
Overview" available on the Azoteq website.
For further enquiries regarding this subject, please contact your local distributor or submit enquiries
to Azoteq at: ProxSenseSupport@azoteq.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com