| Electronic Components Datasheet Search |
|
MA31753 Datasheet(PDF) 7 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MA31753 Datasheet(HTML) 7 Page - Dynex Semiconductor |
|
7 / 30 page ![]() MA31753 7/30 4.2 REMAINING WORD REGISTERS Read access only. These 16-bit registers store the number of words left to be transferred for each area. 4.3 CURRENT ADDRESS REGISTERS Read access only. These 16-bit registers store the addresses of the current words to be transferred to / from the area represented by the register. 4.4 CURRENT PB / PS / AS REGISTER Read access only. These 16-bit registers store the current page bank, address and process state information for each area. When the areas have been selected within the IO space, PB, PS and AS shall be zero. 4.5 STATUS REGISTERS CA 0: Channel not active 1: Channel active This bit is automatically set to zero at an error or EOT condition. EOT 0: Channel EOT not reached 1: Channel EOT reached. CRQP 0: No channel DMA request pending. 1: Channel DMA request pending. It is not possible to reset this bit as long as a DREQN line is asserted. IPE 0: No internal parity error 1: Internal parity error when reading DMA register with parity. BLE 0: No error 1: Block length error (odd block length in double word mode) BIE 0: No error 1: Bus interface timeout error (caused either by not deasserting DREQN in handshake mode or by a bus timeout) CLE 0: No error 1: CPU latched error (either MPROEN, EXADEN or PEN) Interval The interval, in CLK cycles, between each DMA request generated during area to area transfers. Current Block Counter D0 D15 Current Address D0 D15 OIN PB0 PB3 PS0 PS3 AS0 AS3 D0 D15 CA EOT CRQP IPE BLE BIE CLE Interval D0 D15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |