Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA31755 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MA31755
Description  16-Bit Feedthrough Error Detection & Correction Unit EDAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31755 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MA31755 Datasheet HTML 1Page - Dynex Semiconductor MA31755 Datasheet HTML 2Page - Dynex Semiconductor MA31755 Datasheet HTML 3Page - Dynex Semiconductor MA31755 Datasheet HTML 4Page - Dynex Semiconductor MA31755 Datasheet HTML 5Page - Dynex Semiconductor MA31755 Datasheet HTML 6Page - Dynex Semiconductor MA31755 Datasheet HTML 7Page - Dynex Semiconductor MA31755 Datasheet HTML 8Page - Dynex Semiconductor MA31755 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MA31755
2/13
1. PIN DESCRIPTIONS
POWER
BUSSES
ERROR FLAGS AND CONTROL
DEVICE AND BUFFER CONTROL
PD[0:16]
I/O
Active High
Processor data bus + parity bit (bit 16)
MD[0:16]
I/O
Active High
Memory data bus + parity bit (bit 16)
CB[0:5]
I/O
Active High
Memory check bit bus
VDD x8
Input
-
Supply - 5V nominal (all must be connected)
VSS x8
Input
-
Circuit 0V reference (all must be connected)
CERRN
Output
Active Low
Asserted low when a correctable (1 bit) error occurs (ENFLG
must be asserted high)
NCERRN
Output
Active Low
Asserted low when an uncorrectable error occurs (ENFLG
must be asserted high)
XERRN
Input
Active Low
External error feedthrough to NCERRN line.
ENCOR
Input
Active High
Enables correction of data when high. Data is passed
through uncorrected when this line is low.
ENFLG
Input
Active High
Enables the flagging of incorrect data when high. When this
line is low the two error flag lines are held inactive.
2. FUNCTIONAL DESCRIPTION
2.0 GENERAL
The EDAC is of feedthrough type with 16 data bits, 1 parity
bit and 6 check bits, giving the ability to correct all single bit
errors and detect all double bit errors. Errors in more than two
bits may result in any combination of error flags being raised
and the data may be arbitrarily modified by the correction
circuitry.
The EDAC is placed in the data bus between the processor
and the memory to be protected.
It forms the interface
between the 23-bit memory bus and the 17-bit processor bus.
Tri-statable bus transceivers with a high drive capability are
incorporated at both busses.
2.1 TESTING THE EDAC AND MEMORY SYSTEM
No specific hardware for testing is provided by the
MA31755 since this would compromise the speed
performance of the part in normal operation. However, it is
possible to fully test the EDAC function and the generation of
the error signals without this. The system should provide a
means by which the check bit memory may be dynamically
write-enabled and disabled - this may be provided by gating
write strobe on the check bit memory with a latched control bit.
By writing first with check bits enabled, then with them
disabled, suitable seed values may be constructed which have
the required pattern of bits to test each feature of the EDAC
operation. A similar approach may be taken when testing the
check bit memory.
By disabling the EDAC (asserting ENCOR low) the
processor may have direct access to the unmodified 17-bit
data from the memory. Suitable test patterns may be applied to
test each memory location as required.
CS2N
Input
Active Low
Enables device and output buffers.
CS1N
Input
Active Low
Enables device and output buffers.
CS0
Input
Active High
Enables device and output buffers.
RDWN
Input
-
High indicates a read cycle, low indicates a write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com