Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5369 Datasheet(PDF) 10 Page - NEC

Part # 2SC5369
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5369 Datasheet(HTML) 10 Page - NEC

Back Button 2SC5369 Datasheet HTML 4Page - NEC 2SC5369 Datasheet HTML 5Page - NEC 2SC5369 Datasheet HTML 6Page - NEC 2SC5369 Datasheet HTML 7Page - NEC 2SC5369 Datasheet HTML 8Page - NEC 2SC5369 Datasheet HTML 9Page - NEC 2SC5369 Datasheet HTML 10Page - NEC 2SC5369 Datasheet HTML 11Page - NEC 2SC5369 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2SC5369
10
S PARAMETER
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.868
–13.6
14.304
168
0.008
73.3
0.888
–9.5
200.00
0.836
–26.0
13.488
157.0
0.016
70.0
0.862
–16.9
300.00
0.787
–37.8
12.686
145.9
0.022
63.4
0.844
–23.5
400.00
0.739
–48.9
11.834
136.5
0.029
58.7
0.810
–31.9
500.00
0.692
–58.4
10.961
130.0
0.032
55.3
0.789
–34.2
600.00
0.652
–66.9
10.065
123.3
0.037
50.6
0.780
–38.3
700.00
0.615
–74.5
9.332
117.6
0.040
47.6
0.748
–41.6
800.00
0.577
–80.8
8.595
112.3
0.041
45.4
0.717
–42.7
900.00
0.547
–86.7
7.987
106.7
0.042
43.0
0.715
–45.7
1000.00
0.511
–93.5
7.433
102.6
0.045
41.8
0.677
–48.2
1100.00
0.482
–98.2
6.951
98.6
0.047
40.8
0.656
–48.3
1200.00
0.452
–102.8
6.498
94.7
0.048
39.4
0.647
–50.1
1300.00
0.425
–107.9
6.154
91
0.049
38.6
0.626
–52.5
1400.00
0.402
–112.7
5.820
88.0
0.050
37.6
0.614
–52.9
1500.00
0.376
–117.5
5.501
84.6
0.050
38.4
0.609
–54.5
1600.00
0.354
–122.9
5.268
81.6
0.052
38.1
0.595
–56.4
1700.00
0.335
–129.2
5.044
78.5
0.053
37.7
0.587
–57.0
1800.00
0.318
–135.3
4.835
75.4
0.055
38.5
0.585
–58.5
1900.00
0.302
–142.7
4.654
71.9
0.055
38.4
0.573
–60.6
2000.00
0.293
–150.7
4.493
68.7
0.056
38.9
0.560
–61.2
2100.00
0.287
–158.7
4.312
65.7
0.056
38.2
0.557
–62.9
2200.00
0.285
–166.8
4.132
62.0
0.058
38.8
0.538
–65.3
2300.00
0.288
–175.0
3.971
58.7
0.059
39.3
0.524
–67.1
2400.00
0.295
178.6
3.805
55.7
0.061
39.2
0.515
–69.4
2500.00
0.302
172.5
3.635
52.9
0.061
40.1
0.502
–72.8
2600.00
0.314
167.9
3.473
50.0
0.062
40.3
0.486
–75.9
2700.00
0.326
164.0
3.352
47.3
0.063
40.5
0.489
–78.8
2800.00
0.337
160.6
3.227
45.2
0.065
40.6
0.487
–83.4
2900.00
0.348
157.8
3.083
42.6
0.066
41.4
0.482
–86.6
3000.00
0.359
155.3
2.995
39.6
0.066
40.9
0.493
–90.4
VCE = 3 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.770
–19.0
23.007
164.0
0.008
71.6
0.859
–12.3
200.00
0.720
–36.3
21.033
150.1
0.014
65.7
0.815
–21.4
300.00
0.651
–51.8
18.926
137.2
0.020
60.5
0.772
–29.0
400.00
0.591
–65.4
16.929
126.9
0.023
58.0
0.723
–38.1
500.00
0.538
–76.5
15.047
119.9
0.028
51.9
0.688
–39.5
600.00
0.497
–86.2
13.422
113.1
0.030
50.0
0.671
–42.7
700.00
0.463
–94.1
12.12
107.8
0.032
48.7
0.635
–45.4
800.00
0.429
–100.5
10.911
102.9
0.034
46.7
0.607
–45.5
900.00
0.403
–107.3
9.888
97.6
0.034
47.1
0.607
–47.6
1000.00
0.373
–113.7
9.117
94.1
0.037
47.7
0.571
–49.7
1100.00
0.351
–118.4
8.414
90.6
0.038
46.7
0.554
–49.0
1200.00
0.326
–123.5
7.788
87.2
0.040
47.4
0.550
–50.5
1300.00
0.306
–128.9
7.309
83.8
0.041
47.0
0.533
–52.4
1400.00
0.289
–134.2
6.86
81.1
0.043
48.2
0.525
–52.1
1500.00
0.271
–139.8
6.445
78.1
0.044
48.0
0.525
–53.7
1600.00
0.256
–146.1
6.125
75.3
0.046
48.5
0.515
–55.4
1700.00
0.246
–153.3
5.819
72.5
0.048
49.4
0.510
–55.7
1800.00
0.238
–160.4
5.547
69.7
0.049
49.4
0.510
–56.9
1900.00
0.233
–168.9
5.312
66.7
0.051
49.7
0.501
–59.1
2000.00
0.236
–176.9
5.081
63.8
0.053
50.3
0.490
–59.7
2100.00
0.240
175.4
4.848
61.1
0.056
50.7
0.490
–61.2
2200.00
0.248
168.4
4.625
58.0
0.056
50.8
0.472
–63.7
2300.00
0.262
162.0
4.422
55.3
0.059
50.3
0.460
–65.5
2400.00
0.274
157.6
4.233
52.6
0.061
50.6
0.452
–67.9
2500.00
0.287
153.4
4.048
50.2
0.063
50.4
0.441
–71.7
2600.00
0.304
150.2
3.878
47.7
0.064
51.0
0.425
–74.9
2700.00
0.319
147.9
3.739
45.2
0.066
50.6
0.428
–77.9
2800.00
0.330
145.6
3.604
43.5
0.069
49.5
0.425
–82.8
2900.00
0.343
143.7
3.449
41.0
0.072
49.9
0.423
–86.2
3000.00
0.355
142.1
3.352
38.3
0.073
49.9
0.434
–90.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com