Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA9264 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MA9264
Description  Radiation Hard 8192x8 Bit Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA9264 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MA9264 Datasheet HTML 1Page - Dynex Semiconductor MA9264 Datasheet HTML 2Page - Dynex Semiconductor MA9264 Datasheet HTML 3Page - Dynex Semiconductor MA9264 Datasheet HTML 4Page - Dynex Semiconductor MA9264 Datasheet HTML 5Page - Dynex Semiconductor MA9264 Datasheet HTML 6Page - Dynex Semiconductor MA9264 Datasheet HTML 7Page - Dynex Semiconductor MA9264 Datasheet HTML 8Page - Dynex Semiconductor MA9264 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MA9264
2/15
SIGNAL DEFINITIONS
A0-12
Address input pins which select a particular eight bit word within
the memory array.
D0-7
Bidirectional data pins which serve as data outputs during a read
operation and as data inputs during a write operation.
CS
Chip Select, which, at low level, activates a read or write
operation. When at a high level it defaults the SRAM to a
prechargencondition and holds the data output drivers in a high
impedance state.
WE
Write Enable which when at a low level enables a write and holds
data output drivers in a high impedance state. When at a high
level, it enables a read.
OE
Output Enable which when at a high level holds the data output
drivers in a high impedance state. When at a low level, data
output driver state is defined by
CS, WE and CE. If this signal is
not used it must be connected to VSS.
CE
Chip Enable which when at a high level allows normal operation.
When at a low level it defaults the SRAM to a precharge
condition, disables the input circuits on all input pins and holds
the data output drivers in a high impedance state. If this signal
is not used it must be connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com