Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD9-DC15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GD9-DC15
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD9-DC15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GD9-DC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Die Cast Enclosure Antenna
Die Cast Enclosure Antenna
Die Cast Enclosure Antenna
Die Cast Enclosure Antenna
Part No. DCE2412-ANT / DCE2458-
ANT / DCE5819-ANT
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
CP24
CP24
CP24
CP24----12
12
12
12
Circular
12
37
>20dB
Circular
1.1
8.5 x 8
ES24
ES24
ES24
ES24----14
14
14
14
Echo Series
14
26
>30dB
Hor / Ver
3
10.24 dia
P A 2 4
P A 2 4
P A 2 4
P A 2 4 ---- 1 3
1 3
1 3
1 3
Flat Panel
13
35
>20dB
Hor / Ver
1.5
7.5 x 7.5 x .8
P A 2 4
P A 2 4
P A 2 4
P A 2 4 ---- 1 6
1 6
1 6
1 6
Flat Panel
16
26
>27dB
Hor / Ver
2
11 x 11 x .8
P A 2 4
P A 2 4
P A 2 4
P A 2 4 ---- 1 9
1 9
1 9
1 9
Flat Panel
19
17.5
>30dB
Hor / Ver
3.75
16 x 14 x .8
HDGD24
HDGD24
HDGD24
HDGD24----24
24
24
24
HD Series Grid
24
8
>24dB
Hor/Ver
11
34 x 28
HDDC24
HDDC24
HDDC24
HDDC24----24
24
24
24
HD Series Die Cast Grid
24
8
>24dB
Hor/Ver
8.2
42 x 24
GD24
GD24
GD24
GD24----15
15
15
15
Grid
15
19
>19dB
Hor / Ver
4
14 x 12
GD24
GD24
GD24
GD24----19
19
19
19
Grid
19
17
>22dB
Hor / Ver
6
24 x 17
GD24
GD24
GD24
GD24----24
24
24
24
Grid
24
8
>24dB
Hor / Ver
11
34 x 28
DC24
DC24
DC24
DC24
Die Cast Grid
24
8
>24dB
Hor / Ver
8.2
42 x 24
GD22
GD22
GD22
GD22----MT
MT
MT
MT
2.4GHz MotorolaTM
Gain Booster
14
21 (v)
17(h)
>17dB
Hor / Ver
4
14 x 12
GD26
GD26
GD26
GD26----MT
MT
MT
MT
2.4GHz MotorolaTM
Gain Booster
18
17(v)
11(h)
>22dB
Hor / Ver
6
24 x 17
GD29
GD29
GD29
GD29----MT
MT
MT
MT
2.4GHz MotorolaTM
Gain Booster
22
8, 5
>25dB
Hor / Ver
11
34 x 28
Vagi
Vagi
Vagi
VagiTM
TM
TM
TM
Part No. VA24-16
Circular Polarized Antenna
Circular Polarized Antenna
Circular Polarized Antenna
Circular Polarized Antenna
Part No. CP24-12
Flat Panel Antenna
Flat Panel Antenna
Flat Panel Antenna
Flat Panel Antenna
Part No. PA24 / PA35
Log Periodic Antenna
Log Periodic Antenna
Log Periodic Antenna
Log Periodic Antenna
Part No. LP800-2500-9-NF
RooTenna ®
RooTenna ®
RooTenna ®
RooTenna ®
Part No. R2T9 / R2T24 / R2T58
Wide Band Yagi
Wide Band Yagi
Wide Band Yagi
Wide Band Yagi
Part No. YA9W-11, YA9W-13
Echo Series
Echo Series
Echo Series
Echo SeriesTM
TM
TM
TM
Part No. ES24-14
Mini Directional Antenna
Mini Directional Antenna
Mini Directional Antenna
Mini Directional Antenna
Part No. MD24-12
Client Side Antennas
3
3
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com