| Electronic Components Datasheet Search |
|
MAS3691FL Datasheet(PDF) 12 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MAS3691FL Datasheet(HTML) 12 Page - Dynex Semiconductor |
|
12 / 41 page ![]() MA3690/1/3 12/41 Word Count Low This bit shall be reset to logic zero by the reception of any valid command word with the exception of TSW, TLC and TBW. This bit shall be set to logic one if fewer valid data words are received than specified by the preceding command word. Word Count High This bit shall be rest to logic zero by the reception of any valid command word with the exception of TSW, TLC and TBW. This bit shall be set to logic one if the received message is longer than stipulated by the preceeding command word. Illegal Broadcast This bit shall be reset to logic zero by the reception of any valid command word with the exception of TSW, TLC and TBW. This bit shall be set to logic one if a valid command word which by definition requires terminal transmission is received with the broadcast address. Bus 0 Shutdown This bit shall be set to logic one if bus 0 is shutdown. Bus 1 Shutdown This bit shall be set to logic one if bus 1 is shutdown. Terminal Flag Inhibited This bit shall be set to logic one if the internal terminal flag inhibit is set. Transmitter Timeout on Bus 0 This bit shall be set to logic one if a transmitter timeout has occured on bus 0. Transmitter Timeout on Bus 1 This bit shall be set to logic one if a transmitter timeout has occured on bus 1. Note: RTAD0, RTAD1, RTAD2, RTAD3, RTAD4 define the RT address RTADPAR odd parity with the address bits BCSTEN0 - Broadcast enable for BUS0 BCSTEN1 - Broadcast enable for BUS1 Figure 4: Subsystem RT Address Buffer RTAD0 RTAD1 RTAD2 RTAD3 RTAD4 RTADPAR BUFFER B0 B1 B2 B3 B4 B5 BCSTEN0 BCSTEN1 B6 B7 ADEN EN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |