Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD5W-25P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GD5W-25P
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD5W-25P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GD5W-25P Datasheet HTML 4Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 5Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 6Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 7Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 8Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 9Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 10Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 11Page - List of Unclassifed Manufacturers GD5W-25P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Part #
Part #
Part #
Part #
Freq. (GHz)
Freq. (GHz)
Freq. (GHz)
Freq. (GHz)
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(Deg)
(Deg)
(Deg)
(Deg)
Dimensions
Dimensions
Dimensions
Dimensions
(inches)
(inches)
(inches)
(inches)
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
MM24
MM24
MM24
MM24----5RD
5RD
5RD
5RD
2.4-2.5
5.5
45
8
.9
RV24
RV24
RV24
RV24----5RD
5RD
5RD
5RD
2.4-2.5
5.5
45
8
.15
IN24
IN24
IN24
IN24----5RD
5RD
5RD
5RD
2.4-2.5
5.5
45
8
.06
RD2458
RD2458
RD2458
RD2458----5
55
5
2.4-5.8
3-5
45
6.1
.8
IN24
IN24
IN24
IN24----9DE
9DE
9DE
9DE
2.4-2.5
9
70
4.25 x 3.5 x 1”
.4
Connectors
Connectors
Connectors
Connectors
RPSMA, RPTNC, MC-Card,
MMCX, RPMMCX, U.FL
RPSMA, RPTNC, MC-Card,
MMCX, RPMMCX, U.FL
SMA, RPSMA, RPTNC,
N Male
SMA, RPSMA, RPTNC,
N Male
RPSMA, RPTNC, MC-Card,
MMCX, RPMMCX, U.FL
IN800/2500
IN800/2500
IN800/2500
IN800/2500
800MHz-2.5
2.2-5
90
N Female
7 x 4
0.8
I N 2 4
I N 2 4
I N 2 4
I N 2 4 ---- 9 0
9 0
9 0
9 0 ---- 7
77
7
2.4-2.5
7
90
N Female
4 x 4
0.4
I N 2 4
I N 2 4
I N 2 4
I N 2 4 ---- 6 5
6 5
6 5
6 5 ---- 8
88
8
2.4-2.5
8
65
N Female
4 x 4
0.4
IN24
IN24
IN24
IN24----3
33
3
2.4–2.5
3
90
N Female
7 x 4
1
Type
Type
Type
Type
Ceiling Mount
Ceiling Mount
Wall Mount
Wall Mount
Mag Mount
Laptop Mount
Rubber Duck
Rubber Duck
Directional
TR24
TR24
TR24
TR24----3
33
3----6
66
6
2.4-2.5
3/6
120
Transformer
RPSMA, RPTNC
5 x 1
1.4
Shown window mounted
9dBi Directional Antenna
9dBi Directional Antenna
9dBi Directional Antenna
9dBi Directional Antenna
Part No: IN24-9DE
3dBi Ceiling Mount
3dBi Ceiling Mount
3dBi Ceiling Mount
3dBi Ceiling Mount
Omnidirectional
Omnidirectional
Omnidirectional
Omnidirectional
Part No: IN24-3 (a or b)
Tri
Tri
Tri
Tri----Band Ceiling Mount
Band Ceiling Mount
Band Ceiling Mount
Band Ceiling Mount
Omnidirectional
Omnidirectional
Omnidirectional
Omnidirectional
Part No: IN800/2500
Wall Mounted Indoor Sector
Wall Mounted Indoor Sector
Wall Mounted Indoor Sector
Wall Mounted Indoor Sector
Antenna
Antenna
Antenna
Antenna
Part No: IN24-65-8,
IN24-90-7
Rover Laptop Mount Antenna
Rover Laptop Mount Antenna
Rover Laptop Mount Antenna
Rover Laptop Mount Antenna
Part No: RV24-5RD
(laptop not included)
Rubber Duck APXtender
Rubber Duck APXtender
Rubber Duck APXtender
Rubber Duck APXtender
Part No: IN24-5RD
Indoor Antennas
9
9
9
9
Indoor Antennas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com