Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03/260-12 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MP03/260-12
Description  Dual Diode Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/260-12 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MP03/260-12 Datasheet HTML 1Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 2Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 3Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 4Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 5Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 6Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 7Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 8Page - Dynex Semiconductor MP03/260-12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP03 XX 260 Series
3/9
Part number is made up as follows:
MP03 HB 260 - 16
MP
= Pressure contact module
03
= Outline type
HB
= Circuit configuration code (see "circuit options" - front page)
260
= Nominal average current rating at T
case = 75
oC
16
= V
RRM/100
Examples:
MP03 HB260-10
MP03 G260-14
MP023GN260-12
Note: Preferred type is HB configuration. G & GN types are available for specific applications, only when requested.
Adequate heatsinking is required to maintain the base
temperature at 75
oC if full rated current is to be achieved.
Power dissipation may be calculated by use of V
TO and rT
information in accordance with standard formulae. We can
provide assistance with calculations or choice of heatsink
if required.
The heatsink surface must be smooth and flat; a surface
finish of N6 (32
µin) and a flatness within 0.05mm (0.002")
are recommended.
Immediately prior to mounting, the heatsink surface should
be lightly scrubbed with fine emery, Scotch Brite or a mild
chemical etchant and then cleaned with a solvent to
remove oxide build up and foreign material. Care should
be taken to ensure no foreign particles remain.
An even coating of thermal compound (eg. Unial) should be
applied to both the heatsink and module mounting surfaces.
This should ideally be 0.05mm (0.002") per surface to
ensure optimum thermal performance.
After application of thermal compound, place the module
squarely over the mounting holes, (or 'T' slots) in the
heatsink. Using a torque wrench, slowly tighten the
recommended fixing bolts at each end, rotating each in turn
no more than 1/4 of a revolution at a time. Continue until the
required torque of 5Nm (44lb.ins) is reached at both ends.
It is not acceptable to fully tighten one fixing bolt before
starting to tighten the others. Such action may DAMAGE the
module.
ORDERING INSTRUCTIONS
MOUNTING RECOMMENDATIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com