Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03/175-16 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # MP03/175-16
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/175-16 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button MP03/175-16 Datasheet HTML 2Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 3Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 4Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 5Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 6Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 7Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 8Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 9Page - Dynex Semiconductor MP03/175-16 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP03XXX 175 Series
9/10
HBT
G1K1
1
2
HBP
1
2
HBN
K2 G2
1
2
3
3
3
G1K1
K2 G2
35
28.5
80
92
3x M8
Ø5.5
2.8x0.8
42.5
5
1
2
3
K2
G2
G1
K1
Recommended fixings for mounting:
M5 socket head cap screws.
Recommended mounting torque:
5Nm (44lb.ins)
Recommended torque for electrical connections:
8Nm (70lb.ins)
Maximum torque for electrical connections:
9Nm (80lb.ins)
Nominal weight: 950g
Module outline type code: MP03
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise. DO
NOT SCALE.
CIRCUIT CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com