Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03/175-10 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MP03/175-10
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/175-10 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MP03/175-10 Datasheet HTML 1Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 2Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 3Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 4Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 5Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 6Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 7Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 8Page - Dynex Semiconductor MP03/175-10 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP03XXX 175 Series
5/10
1
10
1
2 3 4 5
50
0
5
10
15
Duration
60
100
140
ms
cycles at 50Hz
180
I2t
0.001
0.010
0.100
1.0
10
100
Time - (s)
0
0.1
0.2
0.3
R
th(j-hs)
R
th(j-c)
Fig. 3 Transient thermal impedance (DC) - (Thyristor or diode)
Fig. 4 Surge (non-repetitive) on-state current vs time (with 50% V
RRM, Tcase = 125˚C (Thyristor or diode)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com