Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46DR16640A Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # 46DR16640A
Description  Clock frequency up to 400MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

46DR16640A Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button 46DR16640A Datasheet HTML 3Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 4Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 5Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 6Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 7Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 8Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 10Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
7
Rev. D, 08/30/2011
DLL Enable/Disable 
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and upon returning to normal 
operation after having the DLL disabled. The DLL is automatically disabled when entering self refresh operation and is automatically 
re‐enabled upon exit of self refresh operation. Any time the DLL is enabled (and subsequently reset), 200 clock cycles must occur 
before a Read command can be issued to allow time for the internal clock to be synchronized with the external clock. Failing to wait 
for synchronization to occur may result in a violation of the tAC or tDQSCK parameters. 
Extended Mode Register 1(EMR[1]) Diagram 
A12
0
BA2
0
1
BA1
0
BA0
1
A11
(2)
A13
(1)
0
0
RDQS/DM
RDQS#
DQS
DQS#
10
0
DM
Hi‐ZDQS
DQS#
A10
0
1
DM
Hi‐ZDQS
Hi‐Z
0
1
0
RDQS
RDQS#
DQS
DQS#
11
1
RDQS
Hi‐ZDQS
Hi‐Z
A9
A8
A7
000
001
010
100
111
A5
A4
A3
000
A6
A2
001
00
010
01
011
10
100
11
101
110
111
A1
A0
00
11
Address 
Field
Mode 
Register
DLL enable
A0
DLL
Normal Strength (100%)
Enable
Reduced strength (60%)
Disable
A2
Rtt
Reserved
A1
D.I.C
Output Drive Impedance Control
450 ohms
A3
5
6
Rtt(NOMINAL)
A5
Additive 
Latency
1ODT Disabled
275 ohms
A4
3
150 ohms
A7
OCD Calibration default
(4)
A6
Rtt
Additive Latency
0
A9
OCD 
Program
OCD Calibration mode exit; maintain setting
Drive(1)
A8
Drive(0)
Adjust mode
(3)
Qoff
Enable
DQS#
A10
DQS#
OCD Calibration Program
RDQS Enable
A11 
(RDQS)
A10 
(DQS#)
Strobe Function Matrix
Disable
A11
RDQS
Enable
Disable
A12
Qoff
Output buffer enabled
Ouput buffer disabled
Notes:
1.
A13 is reserved for future use and must be set to 0 when programming the EMR[1]. 
2.
If RDQS is enabled, the DM function is disabled. RDQS is active for reads and don’t care for writes. The x16 option does not support RDQS. This must be set to 0 
when programming the EMR[1] for the x16 option. 
3.
When Adjust mode is issued, AL from previously set value must be applied. 
4.
After setting to default, OCD calibration mode needs to be exited by setting A9‐A7 to 000. 
DDR2 Extended Mode Register 2 (EMR[2]) Setting 
The extended mode register 2 controls refresh related features. The default value of the extended mode register 2 is not defined. 
Therefore, the extended mode register must be programmed during initialization for proper operation. The extended mode register 
2 is written by asserting LOW on CS, RAS, CAS, WE, BA0, BA2, and HIGH on BA1, while controlling pins A0‐A13. The DDR2 SDRAM 
should be in all bank precharge state with CKE already HIGH prior to writing into extended mode register 2. The mode register set 
command  cycle  time  (tMRD)  must  be  satisfied  to  complete  the  write  operation  to  the  extended  mode  register  2.  Mode  register 
contents can be changed using the same command and clock cycle requirements during normal operation as long as all banks are in 
precharge state. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com