Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP04HB910-30 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MP04HB910-30
Description  Dual Rectifier Diode Module Preliminary Information
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04HB910-30 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MP04HB910-30 Datasheet HTML 1Page - Dynex Semiconductor MP04HB910-30 Datasheet HTML 2Page - Dynex Semiconductor MP04HB910-30 Datasheet HTML 3Page - Dynex Semiconductor MP04HB910-30 Datasheet HTML 4Page - Dynex Semiconductor MP04HB910-30 Datasheet HTML 5Page - Dynex Semiconductor MP04HB910-30 Datasheet HTML 6Page - Dynex Semiconductor MP04HB910-30 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
MP04HB910
Fig.5 Maximum stored charge
0.1
1.0
10
100
Rate of decay of on-state current dIF/dt - (A/µs)
10000
1000
100
Conditions:
Tj = 150˚C
VR = 100V
IF = 1000A
IRR
IF
dIF/dt
QS
Fig.6 Maximum reverse recovery current
1.0
10
100
Rate of decay of forward current dI
F/dt - (A/µs)
1000
100
10
Conditions:
Tj = 175˚C
VR = 100V
IF = 1000A
Fig.7 Surge (non-repetitive) forward current vs time
(with 50% V
RRM
@ T
c
- 150˚C)
110
1
2
3
5
10 20
50
0
5
10
15
20
25
30
35
0.8
0.9
0.7
1.0
1.1
ms
Cycles at 50Hz
Duration
I2t = Î2 x t
2
1.2
1.3
I2t
1.4
Fig.8 Transient thermal impedance - dc
0
0.01
0.02
0.03
0.04
0.05
0.06
0.001
0.01
0.1
1
10
100
1000
Time - (Seconds)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com