Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP512MCSD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP512MCSD
Description  microSD Card
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP512MCSD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP512MCSD Datasheet HTML 1Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 2Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 3Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 4Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 5Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 6Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 7Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 8Page - List of Unclassifed Manufacturers AP512MCSD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
microSD Card
APXXXXMCSD/APXXXXMCSHX
© 2010 Apacer Technology, Inc.
Rev .1.5
3
PRODUCT DESCRIPTION
Apacer microSD Memory Card is designed specifically for MicroSD Card applications that put a
premium on small form factor with lower power. The MicroSD memory card is functionally compatible
with the SD memory card but is smaller in dimensions. The MicroSD Memory Card can be inserted into
a passive SD Memory Card Adapter and operate as an SD Memory card. All technical drafts follow DIN
ISO standard. All device and interface configuration data are (such as maximum frequency, card
identification, etc.) stored on the card. For compatibility with existing controllers, the MicroSD memory
Card offers, in addition to the MicroSD card interface, an alternate communication protocol that is based
on the SPI standard.
The MicroSD Memory Card includes an intelligent controller that manages interfaced protocols and data
storage and retrieval as well as Error Correction Code (ECC) algorithms, defect handling and
diagnostics, power management and Content Protection for Recordable Media related functions.
The MicroSD Card is data storage Memory Card. It is integrated with controller & NAND type Flash
memory with serial & random access capability. The device is designed for cameras, smart phones,
digital recorders, MP3 players, PDAs, electronic toys, etc. The Apacer MicroSD card meets SDA (SD
card Association) Specifications. This document gives a general overview of the MicroSD Memory Card
architecture. A detailed description can be found in “MicroSDA Specifications “.
The MicroSD Memory Card is a memory card that is specifically designed to meet the security, capacity,
performance and environment requirements inherent in newly emerging audio and video consumer
electronic devices. The MicroSD Memory Card will include a copyright protection mechanism that
complies with the security of the SDMI standard and will be faster and capable for higher Memory
capacity. The MicroSD Memory Card security system uses mutual authentication and a "new cipher
algorithm" to protect from illegal usage of the card content. A none secured access to the user‘s own
content is also available. The physical form factor, pin assignment and data transfer protocol are forward
compatible with the Multimedia Card with some additions.
The MicroSD Memory Card host interface supports regular Multimedia Card operation as well. In other
words, Multimedia Card forward compatibility was kept. Actually the main difference between MicroSD
Memory Card and Multimedia Card is the initialization process.
Speed Class
 Class 2 - Are more than or equal to 2 MB/sec performance.
 Class 4 - Are more than or equal to 4 MB/sec performance.
 Class 6 - Are more than or equal to 6 MB/sec performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com