Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA449W Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # TA449W
Description  Asymmetric Thyristor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA449W Datasheet(HTML) 3 Page - Dynex Semiconductor

  TA449W Datasheet HTML 1Page - Dynex Semiconductor TA449W Datasheet HTML 2Page - Dynex Semiconductor TA449W Datasheet HTML 3Page - Dynex Semiconductor TA449W Datasheet HTML 4Page - Dynex Semiconductor TA449W Datasheet HTML 5Page - Dynex Semiconductor TA449W Datasheet HTML 6Page - Dynex Semiconductor TA449W Datasheet HTML 7Page - Dynex Semiconductor TA449W Datasheet HTML 8Page - Dynex Semiconductor TA449W Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA449..W
3/12
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DWM = 12V, RL = 3Ω, Tcase = 25
oC
Min.
Max.
Units
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DWM = 12V, RL = 3Ω, Tcase = 25
oC
I
GT
Gate trigger current
-5
V
-
400
mA
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
-
P
GM
Peak gate power
-
-5
V
-4
A
-16
W
-3
W
-
Average time 10ms max
P
G(AV)
Average gate power
V
GD
Min. non trigger voltage
-
0.2
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com